Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHA2098B99F/00 Datasheet(PDF) 7 Page - United Monolithic Semiconductors

Part # CHA2098B99F/00
Description  20-40GHz High Gain Buffer Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2098B99F/00 Datasheet(HTML) 7 Page - United Monolithic Semiconductors

  CHA2098B99F/00 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2098B99F/00 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2098B99F/00 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2098B99F/00 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2098B99F/00 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2098B99F/00 Datasheet HTML 6Page - United Monolithic Semiconductors CHA2098B99F/00 Datasheet HTML 7Page - United Monolithic Semiconductors CHA2098B99F/00 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
20-40GHz High Gain Buffer Amplifier
CHA2098b
Ref. : DSCHA20981233 21-August-01
7/8
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical Bias Tuning
The circuit schematic is given below :
IN
OUT
Vd2,3
Vg 3
Vg1
Vd1
Vg 2
For typical operation, the three drain biases are connected altogether. In a same way, all the gate
biases are connected together at the same power supply, tuned to drive a small signal operating
current of 130mA. A separate access to the gate voltages of each stage ( Vg1,2&3 ) is provided for the
fine tuning of the stages regarding the application.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com