Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHA2098RBF/24 Datasheet(PDF) 6 Page - United Monolithic Semiconductors

Part # CHA2098RBF/24
Description  20-33GHz High Gain Buffer Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2098RBF/24 Datasheet(HTML) 6 Page - United Monolithic Semiconductors

  CHA2098RBF/24 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2098RBF/24 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2098RBF/24 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2098RBF/24 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2098RBF/24 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2098RBF/24 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
CHA2098RBF
20-33GHz High Gain Buffer Amplifier
Ref. : DSCHA2098RBF2057 -26-Feb.-02
6/6
Specifications subject to change without notice
"
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
The RF ports comprise a DC blocking capacitor on chip level. The DC connections
include a first level of DC decoupling capacitors (typically 120pF) in the package.
However, all DC bias ports should be additionally connected to ground with 10nF
capacitors at board level to prevent the MMIC from oscillations. These parts should
be placed close to the SMD leadless package. If the same bias is required at
different DC ports, the lines should only be connected behind these block capacitors.
Further information on the application of the SMD leadless packages for GaAs
monolithic microwave ICs are given in the UMS Application Note AN0005.
Ordering Information
SMD leadless package form :
CHA2098RBF/24
Information furnished is believed to be accurate and reliable. However United Monolithic Semiconductors
S.A.S. assumes no responsability for the consequences of use of such information nor for any infringement of
patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of United Monolithic Semiconductors S.A.S.. Specifications
mentioned in this publication are subject to change without notice. This publication supersedes and replaces all
information previously supplied. United Monolithic Semiconductors S.A.S. products are not authorised for use
as critical components in life support devices or systems without express written approval from United
Monolithic Semiconductors S.A.S.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com