Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1916 Datasheet(PDF) 4 Page - ams AG

Part # AS1916
Description  AS1916 - AS1918
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1916 Datasheet(HTML) 4 Page - ams AG

  AS1916 Datasheet HTML 1Page - ams AG AS1916 Datasheet HTML 2Page - ams AG AS1916 Datasheet HTML 3Page - ams AG AS1916 Datasheet HTML 4Page - ams AG AS1916 Datasheet HTML 5Page - ams AG AS1916 Datasheet HTML 6Page - ams AG AS1916 Datasheet HTML 7Page - ams AG AS1916 Datasheet HTML 8Page - ams AG AS1916 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
www.austriamicrosystems.com
Revision 1.00
4 - 13
AS1916 - AS1918
Data Sheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6 Electrical Characteristics
VCC = +2.7 to +3.6V for AS19xx-T/S/R, VCC = +2.1 to +2.75V for AS19xx- Z/Y, VCC = +1.53 to +2.0V for AS19xx-W/V;
TAMB = -40 to +125ºC (unless otherwise specified). Typ values @ TAMB = +25°C.
Table 4. Electrical Characteristics
Symbol
Parameter
1
Conditions
Min
Typ
Max
Units
VCC
Operating Voltage Range
TAMB = 0 to +85ºC
1.0
3.6
V
TAMB = -40 to +125ºC
1.2
3.6
ICC
VCC Supply Current
(MRN and WDI Not Connected)
VCC = +3.6V, No Load,
TAMB = -40ºC to +85ºC
5.5
12
µA
VCC = +3.6V, No Load,
TAMB = -40 to +125ºC
19
VTH
VCC Reset Threshold
(VCC Falling)
TAMB = -40 to +85ºC
AS19xx-T
2.994
3.08
3.154
V
TAMB = -40 to +125ºC
2.972
3.179
TAMB = -40 to +85ºC
AS19xx-S
2.848
2.93
3.000
TAMB = -40 to +125ºC
2.827
3.024
TAMB = -40 to +85ºC
AS19xx-R
2.556
2.63
2.693
TAMB = -40 to +125ºC
2.538
2.714
TAMB = -40 to +85ºC
AS19xx-Z
2.255
2.32
2.376
TAMB = -40 to +125ºC
2.239
2.394
TAMB = -40 to +85ºC
AS19xx-Y
2.129
2.19
2.243
TAMB = -40 to +125ºC
2.113
2.260
TAMB = -40 to +85ºC
AS19xx-W
1.623
1.67
1.710
TAMB = -40 to +125ºC
1.612
1.723
TAMB = -40 to +85ºC
AS19xx-V
1.536
1.58
1.618
TAMB = -40 to +125ºC
1.525
1.631
Reset Threshold
Temperature Coefficient
60
ppm/
ºC
Reset Threshold Hysteresis
8 x
VTH
mV
tRD
VCC to Reset
Output Delay
VCC = VTH to (VTH - 100mV)
55
µs
tRP
Reset Timeout Period
TAMB = -40 to +85ºC
140
215
280
ms
TAMB = -40 to +125ºC
100
320
VOL
RESETN Output Low
(Push/Pull or Open-Drain)
VCC
≥ 1.0V, ISINK = 50µA,
Reset Asserted, TAMB = 0 to +85ºC
0.3
V
VCC
≥ 1.2V, ISINK = 100µA, Reset
Asserted
0.3
VCC
≥ 2.55V, ISINK = 1.2mA,
Reset Asserted
0.3
VCC
≥ 3.3V, ISINK = 3.2mA,
Reset Asserted
0.4
VOH
RESETN Output High
(Push/Pull Only)
VCC
≥ 1.8V, ISOURCE = 200µA,
Reset Not Asserted
0.8 x
VCC
V
VCC
≥ 3.15V, ISOURCE = 500µA,
Reset Not Asserted
0.8 x
VCC
VCC
≥ 3.3V, ISOURCE = 800µA,
Reset Not Asserted
0.8 x
VCC
ILKG
Open-Drain RESETN Output
Leakage Current
RESETN Not Asserted
1.0
µA
TAMB = +25ºC
0.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com