Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1920 Datasheet(PDF) 7 Page - ams AG

Part # AS1920
Description  Triple-Voltage, Micro-Power Microprocessor Supervisory Circuits
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1920 Datasheet(HTML) 7 Page - ams AG

Back Button AS1920 Datasheet HTML 3Page - ams AG AS1920 Datasheet HTML 4Page - ams AG AS1920 Datasheet HTML 5Page - ams AG AS1920 Datasheet HTML 6Page - ams AG AS1920 Datasheet HTML 7Page - ams AG AS1920 Datasheet HTML 8Page - ams AG AS1920 Datasheet HTML 9Page - ams AG AS1920 Datasheet HTML 10Page - ams AG AS1920 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
www.austriamicrosystems.com
Revision 1.00
7 - 14
AS1920/AS1922
Datasheet - D e t a i l e d D e s c r i p t i o n
Figure 11. AS1922 Block Diagram
AS1922
–
+
4
VCC18
5
VCC3
3
VCCA
VCC
Internal
–
+
Power
Detect
–
+
Bandgap
Reference
1
RESETN
200ms Pulse Generator
200ms
Delay
2
GND
VCC3
IOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com