Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1925-BSTT-D07 Datasheet(PDF) 8 Page - ams AG

Part # AS1925-BSTT-D07
Description  Ultra-Low Voltage Microprocessor Supervisory Circuit with Manual Reset
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1925-BSTT-D07 Datasheet(HTML) 8 Page - ams AG

Back Button AS1925-BSTT-D07 Datasheet HTML 4Page - ams AG AS1925-BSTT-D07 Datasheet HTML 5Page - ams AG AS1925-BSTT-D07 Datasheet HTML 6Page - ams AG AS1925-BSTT-D07 Datasheet HTML 7Page - ams AG AS1925-BSTT-D07 Datasheet HTML 8Page - ams AG AS1925-BSTT-D07 Datasheet HTML 9Page - ams AG AS1925-BSTT-D07 Datasheet HTML 10Page - ams AG AS1925-BSTT-D07 Datasheet HTML 11Page - ams AG AS1925-BSTT-D07 Datasheet HTML 12Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
www.austriamicrosystems.com
Revision 1.00
8 - 12
AS1925/AS1926
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
9 Application Information
Figure 9. Typical Application Diagram
Fast Transient Immunity
The AS1925/AS1926 are virtually immune to fast, falling VCC transients. Figure 8 on page 6 shows typical transient
duration versus reset comparator overdrive, for which the devices do not generate a reset pulse. The graph was gen-
erated using a falling pulse applied to VCC, starting 0.1V above the actual reset threshold and ending below it by the
magnitude indicated (reset comparator overdrive). The graph indicates the maximum pulse width that a falling VCC
transient can have without causing a reset pulse. As the magnitude of the transient goes further below the reset
threshold, the maximum allowable pulse width decreases.
Note: For additional transient immunity, place a 0.1µF bypass capacitor as close as is practical to pin VCC.
Ensuring a Valid Reset Output Down to 0V
If VCC falls below 0.55V, the AS1925 push/pull RESETN output will no longer sink current and becomes an open cir-
cuit, which means that high-impedance CMOS-logic inputs connected to RESETN can drift to undetermined voltages.
This is not relevant for most applications since most microprocessors and other circuits do not operate with a supply
voltage < 0.55V.
In systems where RESETN must be valid down to 0V, adding a pulldown resistor to RESETN (see Figure 10) causes
any stray leakage currents to flow to ground, holding RESETN low. The value of the pulldown resistor is not critical; a
200k
Ω resistor is large enough not to load RESETN and small enough to pull RESETN to ground.
Figure 10. Reset Valid to VCC = 0V
Note: A 200k
Ω pullup resistor to VCC is also recommended if the push/pull RESET is required to remain valid for VCC
0.75V.
AS1926
External
Reset
CPU
RESETN
VCC
I/O
Supply
0.9V
GND
DC/DC
Converter
+3.3V
GND
2
5
VCC
1
RESETN
4
MRN
AS1925
RPULLDOWN
GND
2
5
VCC
1
RESETN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com