Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2525 Datasheet(PDF) 13 Page - ams AG

Part # AS2525
Description  Single-Chip Handsfree Phone CMOS Integrated Circuit
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2525 Datasheet(HTML) 13 Page - ams AG

Back Button AS2525_1 Datasheet HTML 9Page - ams AG AS2525_1 Datasheet HTML 10Page - ams AG AS2525_1 Datasheet HTML 11Page - ams AG AS2525_1 Datasheet HTML 12Page - ams AG AS2525_1 Datasheet HTML 13Page - ams AG AS2525_1 Datasheet HTML 14Page - ams AG AS2525_1 Datasheet HTML 15Page - ams AG AS2525_1 Datasheet HTML 16Page - ams AG AS2525_1 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Datasheet AS2525
austriamicrosystems
Revision 2.1
Page 13 of 27
Loudhearing
A loudhearing mode can be enabled/disabled through the
set-up programming.
Table 19: Loudhearing mode selection
[PG] + [0] + (Password) + [#] + [7] + (digit) + [PG
]
Digit
Loudhearing
[0]
Enabled (LH + HF provided)
[1]
Disabled (only HF is provided)
Headset mode
Head set mode is selected by connecting pin "HEAD" to
VDD and enabling the head function by service code
programming (see also Table 3: Parameter settings).
Table 20: Headset Tx gain setting
[PG] + [0] + (Password) + [0] + [7] + (x) + [PG]
Key
(x)
Tx Gain (dB)
M1/2 to LS
Key
(x)
Tx Gain (dB)
M1/2 to LS
[0]
30
[8]
38
[1]
31
[9]
39
[2]
32
[M1]
40
[3]
33
[M2]
41
[4]
34
[M3]
42
[5]
35
[M4]
43
[6]
36
[M5]
44
[7]
37
[M6]
45
Table 21: Headset Rx gain setting
[PG] + [0] + (Password) + [0] + [8] + (x) + [PG]
Key
(x)
Rx Gain (dB)
LS to RO
Key
(x)
Rx Gain (dB)
LS to RO
[0]
-6
[8]
2
[1]
-5
[9]
3
[2]
-4
[M1]
4
[3]
-3
[M2]
5
[4]
-2
[M3]
6
[5]
-1
[M4]
7
[6]
0
[M5]
8
[7]
1
[M6]
9
If this mode is entered both hook inputs HS and HF act as
electronic off-hook for handset operation. The gain in
transmit and receive can be programmed by service code
programming. The pin "HEAD" is only scanned once after
off-hook and any change on this pin during one session will
be ignored.
Ring Frequency Detection
The ring frequency detector assures that only signals with
a frequency between 13 Hz and 70 Hz are regarded as
valid ring signals.
When a valid ring signal is present for 100 ms
continuously, the melody generator is activated and
remains active as long as the ring signal is present.
Once the melody generator has been started, the ring
signal is continuously monitored and the melody generator
is instantly turned on or off according to the momentary
presence of a valid or invalid ring signal respectively (until
next POR or off-hook).
DC/DC converter
When a valid ring signal is detected, the dc/dc converter is
started.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com