Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3665 Datasheet(PDF) 1 Page - ams AG

Part # AS3665
Description  9 Channel Advanced Command Driven RGB/White LED Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3665 Datasheet(HTML) 1 Page - ams AG

  AS3665 Datasheet HTML 1Page - ams AG AS3665 Datasheet HTML 2Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.austriamicrosystems.com (ptr)
Revision 1.0
1 - 2
ProductBrief
AS3665
9 Channel Advanced Command Driven RGB/White LED Driver
1 General Description
The AS3665 is a capacitive low noise charge pump with
9 current sources. The charge pump automatically
switches between 1:1 and 1:1.5 modes. The connected
current sources have a very low voltage compliance to
improve efficiency of the whole system. Three current
sources have the possibility to operate either from VBAT
or VCP (especially useful for red LEDs).
The internal control is done by command based pattern
generators implemented by three sequencers. These
commands are optimized for lighting applications (e.g.
ramp up brightness logarithmically). It includes high
level commands like conditionals jumps and variables.
Any of the three sequencers can be dynamically
mapped to any of the 9 PWM generators for the LEDs.
The AS3665 supports an audio input and sophisticated
light patterns can be controlled by internal digital filters.
The AS3665 is controlled by I
2C mode. Synchronization
over several AS3665 is possible by the TRIG pin.
The AS3665 is available in a space-saving WL-CSP-25
(2.5x2.5mm) 0.5mm pitch and operates over the -30ºC
to +85ºC temperature range.
Figure 1. Typical Operating Circuit
2 Key Features
High efficiency capacitive 150mA charge pump with
1:1, 1:1.5 and 1:2 modes with automatic mode
switching; 1:2 mode can be disabled
9 Channel High Side 20mA Current sources
- Less than 50mV at 10mA dropout voltage
- LED7,8,9 either powered by VBAT or VCP
Advanced Command based Pattern Generator
- 96 x 16 bits program memory
- Dedicated lighting commands like logarithmic fade
- Programming control and conditional jumps
Audio Controlled Lighting with internal digital filters
3 Sequencers
- Dynamically mapped to 9 PWM generators
- Internal/External Synchronization
9 PWM generators (12 bit resolution)
- Automatic RGB Color Correction by TAMB
I
2C interface with dedicated EN pin
Available in WL-CSP-25 (2.5x2.5mm) 0.5mm pitch
3 Applications
RGB/White Fun or Event LED for mobile phones or por-
table devices; Lighting Management Unit

 
  
!
" "#$%&
!'#&!
$$#
#$ (
) $
*#&
+#& #,$ #
-.
/02
23
45/#2
23
45/#2
/02
!
 &#
) 
) 
) 6
) 4
) 
) 7
) 5
) 8
) 9

:
;
:
;
<
)
=6=
>"<
" ?. "-@"
<-
>
 
 
/02
>
>
AS3665


Similar Part No. - AS3665

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3665 AMSCO-AS3665 Datasheet
3Mb / 78P
9 Channel Advanced Command Driven RGB/White LED Driver
AS3665-ZWLT AMSCO-AS3665-ZWLT Datasheet
3Mb / 78P
9 Channel Advanced Command Driven RGB/White LED Driver
AS3665 AMSCO-AS3665_04 Datasheet
3Mb / 78P
9 Channel Advanced Command Driven RGB/White LED Driver
More results

Similar Description - AS3665

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3943 NSC-LP3943 Datasheet
264Kb / 13P
RGB/White/Blue 16-LED Fun Light Driver
LP3944 NSC-LP3944 Datasheet
249Kb / 12P
RGB/White/Blue 8-LED Fun Light Driver
logo
List of Unclassifed Man...
MBI1009 ETC1-MBI1009 Datasheet
152Kb / 8P
3-Channel RGB LED Lamp Driver
logo
Analog Devices
ADP8866 AD-ADP8866 Datasheet
84Kb / 2P
Charge Pump Driven 9-Channel LED Driver with Automated LED Lighting Effects
Rev. PrA
logo
Sanyo Semicon Device
LV5234V SANYO-LV5234V Datasheet
318Kb / 23P
9-channel LED Driver
logo
ams AG
AS3665 AMSCO-AS3665_04 Datasheet
3Mb / 78P
9 Channel Advanced Command Driven RGB/White LED Driver
logo
Texas Instruments
LP3944 TI1-LP3944_14 Datasheet
931Kb / 17P
RGB/White/Blue 8-LED Fun Light Driver
LP3943 TI1-LP3943 Datasheet
979Kb / 21P
RGB/White/Blue 16-LED Fun Light Driver
LP3943 TI1-LP3943_15 Datasheet
983Kb / 25P
RGB, White, Blue 16-LED Fun Light Driver
logo
MOSDESIGN SEMICONDUCTOR...
M1355 MOSDESIGN-M1355 Datasheet
253Kb / 6P
3-CHANNEL RGB LED LAMP DRIVER
2009-12-17
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com