Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5035 Datasheet(PDF) 11 Page - ams AG

Part # AS5035
Description  PROGRAMMABLE 64 PPR INCREMENTAL MAGNETIC ROTARY ENCODER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5035 Datasheet(HTML) 11 Page - ams AG

Back Button AS5035 Datasheet HTML 7Page - ams AG AS5035 Datasheet HTML 8Page - ams AG AS5035 Datasheet HTML 9Page - ams AG AS5035 Datasheet HTML 10Page - ams AG AS5035 Datasheet HTML 11Page - ams AG AS5035 Datasheet HTML 12Page - ams AG AS5035 Datasheet HTML 13Page - ams AG AS5035 Datasheet HTML 14Page - ams AG AS5035 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
AS5035 – 64 PPR INCREMENTAL MAGNETIC ROTARY ENCODER
Revision 1.5
www.austriamicrosystems.com
Page 11 of 17
12 Electrical Characteristics
12.1 Absolute Maximum Ratings (non operating)
Stresses beyond those listed under “Absolute Maximum Ratings“ may cause permanent damage to the device. These are stress ratings
only. Functional operation of the device at these or any other conditions beyond those indicated under “Operating Conditions” is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Parameter
Symbol
Min
Max
Unit
Note
DC supply voltage at pin VDD5V
VDD5V
-0.3
7
V
DC supply voltage at pin VDD3V3
VDD3V3
5
V
Input pin voltage
Vin
-0.3
VDD5V +0.3
V
Input current (latchup immunity)
Iscr
-100
100
mA
Norm: JEDEC 78
Electrostatic discharge
ESD
± 2
kV
Norm: MIL 883 E method 3015
Storage temperature
Tstrg
-55
125
°C
Min – 67°F ; Max +257°F
Body temperature (Lead-free package)
TBody
260
°C
t=20 to 40s, Norm: IPC/JEDEC J-Std-020C
Lead finish 100% Sn “matte tin”
Humidity non-condensing
rH
5
85
%
12.2 Operating Conditions
Parameter
Symbol
Min
Typ Max Unit
Note
Ambient temperature
Tamb
-40
125
°C
-40°F…+257°F
Supply current
Isupp
16
25
mA
Supply voltage at pin VDD5V
Voltage regulator output voltage at pin VDD3V3
VDD5V
VDD3V3
4.5
3.0
5.0
3.3
5.5
3.6
V
V
5V Operation
Supply voltage at pin VDD5V
Supply voltage at pin VDD3V3
VDD5V
VDD3V3
3.0
3.0
3.3
3.3
3.6
3.6
V
V
3.3V Operation
(pin VDD5V and VDD3V3 connected)
12.3 DC Characteristics for Digital Inputs and Outputs
12.3.1
CMOS Schmitt-Trigger Inputs: OTP_CLK, CSn (CSn = internal Pull-up)
Parameter
Symbol
Min
Max
Unit
Note
High level input voltage
VIH
0.7 * VDD5V
V
Normal operation
Low level input voltage
VIL
0.3 * VDD5V
V
Schmitt-Trigger hysteresis
VIon- VIoff
1
V
-1
1
CLK only
Input leakage current
Pull-up low level input current
ILEAK
IiL
-30
-100
µA
µA
CSn only, VDD5V: 5.0V
12.3.2
CMOS Output Open Drain: MagINCn, MagDECn
Parameter
Symbol
Min
Max
Unit
Note
Low level output voltage
VOL
VSS+0.4
V
Output current
IO
4
2
mA
VDD5V: 4.5V
VDD5V: 3V
Open drain leakage current
IOZ
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com