Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5035TR Datasheet(PDF) 7 Page - ams AG

Part # AS5035TR
Description  PROGRAMMABLE 64 PPR INCREMENTAL MAGNETIC ROTARY ENCODER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5035TR Datasheet(HTML) 7 Page - ams AG

Back Button AS5035TR Datasheet HTML 3Page - ams AG AS5035TR Datasheet HTML 4Page - ams AG AS5035TR Datasheet HTML 5Page - ams AG AS5035TR Datasheet HTML 6Page - ams AG AS5035TR Datasheet HTML 7Page - ams AG AS5035TR Datasheet HTML 8Page - ams AG AS5035TR Datasheet HTML 9Page - ams AG AS5035TR Datasheet HTML 10Page - ams AG AS5035TR Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
AS5035 – 64 PPR INCREMENTAL MAGNETIC ROTARY ENCODER
Revision 1.5
www.austriamicrosystems.com
Page 7 of 17
8
Simulation Modelling
Figure 9: Arrangement of Hall sensor array on chip (principle)
With reference to Figure 9, a diametrically magnetized
permanent magnet is placed above or below the surface
of the AS5035. The chip uses an array of Hall sensors to
sample the vertical vector of a magnetic field distributed
across the device package surface. The area of magnetic
sensitivity is a circular locus of 1.1mm radius with
respect to the center of the die. The Hall sensors in the
area of magnetic sensitivity are grouped and configured
such that orthogonally related components of the
magnetic fields are sampled differentially.
The differential signal Y1-Y2 will give a sine vector of
the magnetic field. The differential signal X1-X2 will give
an orthogonally related cosine vector of the magnetic
field.
The angular displacement (
Θ) of the magnetic source
with reference to the Hall sensor array may then be
modelled by:
()
()
°
±
−
−
=
Θ
5
.
0
2
1
2
1
arctan
X
X
Y
Y
The
±0.5° angular error assumes a magnet optimally
aligned over the center of the die and is a result of gain
mismatch errors of the AS5035. Placement tolerances of
the die within the package are
±0.235mm in X and Y
direction, using a reference point of the edge of pin #1
(Figure 11)
In order to neglect the influence of external disturbing
magnetic fields, a robust differential sampling and
ratiometric calculation algorithm has been implemented.
The differential sampling of the sine and cosine vectors
removes any common mode error due to DC components
introduced by the magnetic source itself or external
disturbing magnetic fields. A ratiometric division of the
sine and cosine vectors removes the need for an
accurate absolute magnitude of the magnetic field and
thus accurate Z-axis alignment of the magnetic source.
The recommended differential input range of the
magnetic field strength (B(X1-X2),B(Y1-Y2)) is
±75mT at the
surface of the die. In addition to this range, an additional
offset of
±5mT, caused by unwanted external stray fields
is allowed.
The chip will continue to operate, but with degraded
output linearity, if the signal field strength is outside the
recommended range. Too strong magnetic fields will
introduce errors due to saturation effects in the internal
preamplifiers. Too weak magnetic fields will introduce
errors due to noise becoming more dominant.
9
Choosing the Proper Magnet
Typically the magnet should be 6mm in diameter and
≥2.5mm in height. Magnetic materials such as rare earth
AlNiCo, SmCo5 or NdFeB are recommended.
Magnet axis
Vertical field
component
(45…75mT)
0
360
360
Bv
Vertical field
component
R1 concentric circle;
radius 1.1mm
R1
Magnet axis
typ. 6mm diameter
S
N
Figure 10: Typical magnet and magnetic field distribution
AS5040 die
1
Radius of circular Hall sensor
array: 1.1mm radius
Center of die
2.433 mm
±0.235mm
3.9 mm
±0.235mm
X1
Y1
X2
Y2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com