Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHA2292 Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHA2292
Description  17-24GHz Low Noise, Variable Gain Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2292 Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHA2292 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2292 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2292 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2292 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2292 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2292 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
17-24GHz LNA VGA
CHA2292
Ref. : DSCHA22922108 - 18-Apr.-02
2/6
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Electrical Characteristics for Broadband Operation
Tamb = +25°C, V5=Vd2,3,4= 5V
Symbol
Parameter
Min
Typ
Max
Unit
Fop
Operating frequency range
17
24
GHz
G
Small signal gain (1)
25
dB
∆G
Small signal gain flatness (1)
±1
dB
Is
Reverse isolation (1)
50
dB
NF
Noise figure with Vc=1.2V
2.8
dB
Gctrl
Gain control range versus Vc
15
dB
P1dB
Output power at 1dB compression with Vc=1.2V
11
dBm
VSWRin
Input VSWR (1)
3.0:1
VSWRout
Output VSWR (1)
2.5:1
Vd
DC voltage
V5= Vd2,3,4
Vc
-1.5
5
[-0.7, +1.2]
+1.3
V
V
Id1
Bias current (2) with Vc=1.2V
35
mA
Id
Bias current total (3) with Vc=1.2V
160
mA
(1) These values are representative of on-wafer measurements that are made without bonding
wires at RF ports.
(2) For optimum noise figure, the bias current Id1 should be adjusted to 35mA with Vg1 voltage.
(3) With Id1=35mA, adjust Vg2,3,4 voltage for a total drain current around 160mA.
Absolute Maximum Ratings
Tamb. = 25°C (1)
Symbol
Parameter
Values
Unit
Vd
Drain bias voltage
5.5
V
Vc
Control bias voltage
1.5
V
Id
Drain bias current
250
mA
Vg
Gate bias voltage
-2.0 to +0.4
V
Pin
Maximum peak input power overdrive (2)
+15
dBm
Ta
Operating temperature range
-40 to +85
°C
Tstg
Storage temperature range
-55 to +155
°C
(1) Operation of this device above anyone of these parameters may cause permanent damage.
(2) Duration < 1s.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com