Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5043 Datasheet(PDF) 21 Page - ams AG

Part # AS5043
Description  Programmable 360 Magnetic Angle Encoder with Absolute SSI and Analog Outputs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5043 Datasheet(HTML) 21 Page - ams AG

Back Button AS5043_1 Datasheet HTML 17Page - ams AG AS5043_1 Datasheet HTML 18Page - ams AG AS5043_1 Datasheet HTML 19Page - ams AG AS5043_1 Datasheet HTML 20Page - ams AG AS5043_1 Datasheet HTML 21Page - ams AG AS5043_1 Datasheet HTML 22Page - ams AG AS5043_1 Datasheet HTML 23Page - ams AG AS5043_1 Datasheet HTML 24Page - ams AG AS5043_1 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
AS5043
Data Sheet – Choosing the Proper Magnet
www.austriamicrosystems.com
Revision 1.80
21 – 36
15.1.1 Magnet Placement
The magnet’s center axis should be aligned within a displacement radius Rd of 0.25mm from the defined center of the IC
with reference to the edge of pin #1 (see Figure 19). This radius includes the placement tolerance of the chip within the
SSOP-16 package (+/- 0.235mm).
The displacement radius Rd is 0.485mm with reference to the center of the chip (see section Alignment Mode).
The vertical distance should be chosen such that the magnetic field on the die surface is within the specified limits (see
Figure 18). The typical distance “z” between the magnet and the package surface is 0.5mm to 1.8mm with the
recommended magnet (6mm x 3mm). Larger gaps are possible, as long as the required magnetic field strength stays
within the defined limits.
A magnetic field outside the specified range may still produce usable results, but the out-of-range condition will be
indicated by MagRngn (pin 1), which will be pulled low. At this condition, the angular data is still available over the digital
serial interface (SSI), but the analog output will be turned off.
Figure 20: Vertical Placement of the Magnet
1.282mm ± 0.15mm
0.576mm ± 0.1mm
z
S
N
Package surface
Die surface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com