Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5043ASST Datasheet(PDF) 8 Page - ams AG

Part # AS5043ASST
Description  Programmable 360 Magnetic Angle Encoder with Absolute SSI and Analog Outputs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5043ASST Datasheet(HTML) 8 Page - ams AG

Back Button AS5043ASST Datasheet HTML 4Page - ams AG AS5043ASST Datasheet HTML 5Page - ams AG AS5043ASST Datasheet HTML 6Page - ams AG AS5043ASST Datasheet HTML 7Page - ams AG AS5043ASST Datasheet HTML 8Page - ams AG AS5043ASST Datasheet HTML 9Page - ams AG AS5043ASST Datasheet HTML 10Page - ams AG AS5043ASST Datasheet HTML 11Page - ams AG AS5043ASST Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
AS5043
Data Sheet – Mode Input Pin
www.austriamicrosystems.com
Revision 1.80
8 – 36
9
Mode Input Pin
The absolute angular position is sampled at a rate of 10.4kHz (t=96µs) in fast mode and at a rate of 2.6kHz (t=384µs) in
slow mode.
These modes are selected by pin MODE (#2) during the power up of the AS5043. This pin activates or deactivates an
internal filter, which is used to reduce the digital jitter and consequently the analog output noise.
Activating the filter by pulling Mode = LOW reduces the transition noise to <0.03° rms. At the same time, the sampling
rate is reduced to 2.6kHz and the signal propagation delay is increased to 384µs. This mode is recommended for high
precision, low speed and ≤360° applications.
Deactivating the filter by setting Mode = HIGH increases the sampling rate to 10.4kHz and reduces the signal propagation
delay to 96µs. The transition noise will increase to <0.06° rms. This mode is recommended for higher speed and full scale
= 360° applications.
Switching the MODE pin affects the following parameters:
Table 4: Mode Pin Settings
Parameter
Slow Mode
(Pin MODE = 0)
Fast Mode
(Pin MODE = 1)
Sampling rate
2.61 kHz
(383µs)
10.42 kHz
(95.9µs)
Transition noise (1 sigma)
≤ 0.03° rms
≤ 0.06° rms
Propagation delay
384µs
96µs
Startup time
20ms
80ms
The MODE pin should be set at power-up. A change of the mode during operation is not allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com