Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF31 Datasheet(PDF) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # SF31
Description  SUPER FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

SF31 Datasheet(HTML) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

  SF31 Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. SF31 Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CHENG- YI
CHENG- YI
ELECTRONIC
SUPER FAST RECTIFIER
SUPER FAST RECTIFIER
RATING AND CHARACTERISTICS CURVES
SF31 THRU SF36
Fig. 3 - TYPICAL REVERSE
CHARACTERISTICS
PERCENT OF RATED PEAK
REVERSE VOLTAGE, (%)
0.1
1.0
10
100
1000
.01
20
40
60
80
100
120 140
0
T =150C
J
0
T =100C
J
0
T =25C
J
Fig. 4 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
.01
.001
.1
1.0
10.0
.4
.2
.6
.8
1.0
1.2 1.4
Pulse Width-300 s
1% DUTY CYCLE
0
T
= 25 C
J
Fig. 6 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, (V)
1
2
4
6
10
20
40
60
100
200
10
20
100
40
1.0
4
2
.1
.2
.4
0
T
= 25 C
J
Fig. 1 - TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTIC
(+)
(+)
(-)
(-)
Fig. 2 - TYPICAL FORWARD
CURRENT DERATING CURVE
trr
SINGLE PHASE
HALF WAVE
60Hz
RESISTIVE OR
INOUCTIVE LOAD
25
0
0
1.0
2.0
3.0
4.0
5.0
6.0
50 75 100
150
125
175
0
AMBIENT TEMPERATURE, C
-1.0A
-0.25
0
+0.5A
SET TIME BASE
FOR 10 /20 ns/cm
1cm
NOTES : 1. Rise Time=7ns max., Input Impedance=
1 megohm, 22pF.
2. Rise Time=10ns max., Source Impedance=
50 ohms.
50
NONINDUCTIVE
10
NONINDUCTIVE
25 Vdc
(approx.)
1
NON-
INDUCTIVE
D.U.T.
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
SF3
1~S
F34
SF35
~SF3
6
Fig. 5 -MAXIMUM NON-REPETITIVE
FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60 Hz
1
0
2
5
10
20
50
100
25
50
75
100
125
150
175
8.3ms Single Half Sine Wave
JEDEC Method
SF31 thru SF36



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com