Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1M Datasheet(PDF) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # GS1M
Description  SURFACE MOUNT RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

GS1M Datasheet(HTML) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

  GS1M Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. GS1M Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CHENG- YI
CHENG- YI
ELECTRONIC
GS1A thru GS1M SERIES
SURFACE MOUNT RECTIFIER
SURFACE MOUNT RECTIFIER
1
2
5
10
20
50
100
Fig. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
NUMBER OF CYCLES AT 60 Hz
5
10
15
20
25
30
8.3ms Single Half Sine-Wave
JEDEC Method
Fig. 1 - FORWARD CURRENT
DERATING CURVE
SINGLE PHASE
HALF WAVE
60Hz
RESISTIVE OR
INOUCTIVE LOAD
P.C.B MOUNTED
ON 0.315x0.315"(8.0x8.0mm)
COPPER PAD AREAS
25
0
1.0
2.0
50
75 100
150
125
175
0
LEAD TEMPERATURE, C
Fig. 3 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF PEAK REVERSE VOLTAGE, %
0
20
40
140
60
80
100 120
0.1
1
10
100
0.01
0.001
0
T =125C
J
0
T =75C
J
0
T =25C
J
Fig. 4 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
0.02
0.01
0.05
0.1
0.2
0.5
1
2
5
10
100
20
50
1.2 1.4
1.6 1.8
2
1
0.8
0.6
0.4
RATING AND CHARACTERISTICS CURVES
GS1A THRU GS1M
100
Fig. 5 - TRANSIENT THERMAL IMPEDANCE
HEATING TIME (SEC)
50
10
5
2
1
20
100
1,000
200
500
10
1
0.1
0.01
Units Mounted on
2
2
20in (5. 4mm)+0 .5mil
inches (0.013mm)
Thick Copper Land Areas
100
0.1
0.01
1
10
50
20
10
5
2
1
100
0
T =25C
J
f=1.0MHz
Vsig=50m Vp-p
Fig. 6 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE(V)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com