Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5130ASSU Datasheet(PDF) 21 Page - ams AG

Part # AS5130ASSU
Description  8 Bit Programmable Magnetic Rotary Encoder with Motion Detection & Multiturn
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5130ASSU Datasheet(HTML) 21 Page - ams AG

Back Button AS5130ASSU Datasheet HTML 17Page - ams AG AS5130ASSU Datasheet HTML 18Page - ams AG AS5130ASSU Datasheet HTML 19Page - ams AG AS5130ASSU Datasheet HTML 20Page - ams AG AS5130ASSU Datasheet HTML 21Page - ams AG AS5130ASSU Datasheet HTML 22Page - ams AG AS5130ASSU Datasheet HTML 23Page - ams AG AS5130ASSU Datasheet HTML 24Page - ams AG AS5130ASSU Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
www.austriamicrosystems.com
Revision 1.09
21 - 40
AS5130
Data Sheet - D e ta i l e d D e s c r i p t i o n
Figure 13. Magnetic Field Strength Indicator
High Speed Operation
The AS5130 is using a fast tracking ADC (TADC) to determine the angle of the magnet. The TADC has a tracking rate
of 1.15µs (typ).
Once the TADC is synchronized with the angle, it sets the LOCK bit in the status register (see Table 8). In worst case,
usually at start-up, the TADC requires a maximum of 127 steps (127 * 1.15µS = 146,05µs) to lock. Once it is locked, it
requires only one cycle (1.15µs) to track the moving magnet.
The AS5130 can operate in locked mode at rotational speeds up to 30,000 rpm.
In Low Power Mode, the position of the TADC is frozen. It will continue from the frozen position once it is powered up
again. If the magnet has moved during the power down phase, several cycles will be required before the TADC is
locked again. The tracking time to lock in with the new magnet angle can be roughly calculated as:
tLOCK = 1.15µs* |NewPos – OldPos|
(EQ 3)
Where:
tLOCK = time required to acquire the new angle after power up from one of the reduced power modes [µs]
OldPos = Angle position when one of the reduced power modes is activated [º]
NewPos = Angle position after resuming from reduced power mode [º]
Propagation Delay
The Propagation delay is the time required from reading the magnetic field by the Hall sensors to calculating the angle
and making it available on the serial or PWM interface. While the propagation delay is usually negligible on low
speeds, it is an important parameter at high speeds. The longer the propagation delay, the larger becomes the angle
error for a rotating magnet as the magnet is moving while the angle is calculated. The position error increases linearly
with speed. The main factors that contribute to the propagation delay are discussed in detail further in this document.
Sampling Rate
For high speed applications, fast ADC’s are essential. The ADC sampling rate directly influences the propagation
delay. The fast tracking ADC used in the AS5130 with a tracking rate of only 1.15µs (typ) is a perfect fit for both high
speed and high performance.
Chip Internal Lowpass Filtering
A commonplace practice for systems using analog-to-digital converters is to filter the input signal by an anti-aliasing
filter. The filter characteristic must be chosen carefully to balance propagation delay and noise. The lowpass filter in the
AS5130 has a cutoff frequency of typ. 23.8kHz and the overall propagation delay in the analog signal path is typ.
15.6µs.
VDD
VSS
AS5130
100n
VSS
+5V
VDD
CS
VDD
DCLK
DIO
VSS
AS5130
C1
I/O
Output
Output
CAO
1k
LED1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com