Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5145A Datasheet(PDF) 26 Page - ams AG

Part # AS5145A
Description  12-Bit Programmable Magnetic Rotary Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5145A Datasheet(HTML) 26 Page - ams AG

Back Button AS5145A Datasheet HTML 22Page - ams AG AS5145A Datasheet HTML 23Page - ams AG AS5145A Datasheet HTML 24Page - ams AG AS5145A Datasheet HTML 25Page - ams AG AS5145A Datasheet HTML 26Page - ams AG AS5145A Datasheet HTML 27Page - ams AG AS5145A Datasheet HTML 28Page - ams AG AS5145A Datasheet HTML 29Page - ams AG AS5145A Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
www.austriamicrosystems.com/AS5145
Revision 1.10
26 - 36
AS5145
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
9.4.2 Magnet Placement
The magnet’s center axis should be aligned within a displacement radius Rd of 0.25mm from the defined center of the IC. The magnet may be
placed below or above the device. The distance should be chosen such that the magnetic field on the die surface is within the specified limits
(see Figure 19). The typical distance “z” between the magnet and the package surface is 0.5mm to 1.5mm, provided the use of the
recommended magnet material and dimensions (6mm x 3mm). Larger distances are possible, as long as the required magnetic field strength
stays within the defined limits.
However, a magnetic field outside the specified range may still produce usable results, but the out-of-range condition will be indicated by
MagINCn (pin 1) and MagDECn (pin 2), (see Table 1).
Figure 20. Vertical Placement of the Magnet
9.5 Simulation Modeling
Figure 21. Arrangement of Hall Sensor Array on Chip (principle)
A diametrically magnetized permanent magnet is placed above or below the surface of the AS5145. The chip uses an array of Hall sensors to
sample the vertical vector of a magnetic field distributed across the device package surface. The area of magnetic sensitivity is a circular locus of
1.1mm radius with respect to the center of the die. The Hall sensors in the area of magnetic sensitivity are grouped and configured such that
orthogonally related components of the magnetic fields are sampled differentially.
The differential signal Y1-Y2 will give a sine vector of the magnetic field. The differential signal X1-X2 will give an orthogonally related cosine
vector of the magnetic field.
N
S
N
Die surface
Package surface
Z
0.576mm ± 0.1mm
1.282mm ± 0.15mm
Y1
Y2
X1
X2
Center of die
Radius of circular Hall sensor
AS5145 die
2.433mm
±0.235mm
3.9mm±0.235mm
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com