Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5145-HSST Datasheet(PDF) 31 Page - ams AG

Part # AS5145-HSST
Description  12-Bit Programmable Magnetic Rotary Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5145-HSST Datasheet(HTML) 31 Page - ams AG

Back Button AS5145-HSST Datasheet HTML 27Page - ams AG AS5145-HSST Datasheet HTML 28Page - ams AG AS5145-HSST Datasheet HTML 29Page - ams AG AS5145-HSST Datasheet HTML 30Page - ams AG AS5145-HSST Datasheet HTML 31Page - ams AG AS5145-HSST Datasheet HTML 32Page - ams AG AS5145-HSST Datasheet HTML 33Page - ams AG AS5145-HSST Datasheet HTML 34Page - ams AG AS5145-HSST Datasheet HTML 35Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
www.austriamicrosystems.com/AS5145
Revision 1.10
31 - 36
AS5145
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
Pin 12
PWM output: frequency selectable by OTP:
1µs / step, 4096 steps per revolution, f=244Hz 2µs/
step, 4096 steps per revolution, f=122Hz
PWM output: frequency selectable by OTP:
1µs / step, 4096 steps per revolution, f=244Hz
2µs / step, 4096 steps per revolution, f=122Hz
Sampling frequency
selectable by MODE input pin:
2.5kHz, 10,4kHz
selectable by MODE input pin:
2.5kHz, 10,4kHz
Propagation delay
384µs (slow mode)
384µs (slow mode)
96µs (fast mode)
96µs (fast mode)
Transition noise
(rms; 1sigma)
0.03 degrees max. (slow mode)
0.03 degrees max. (slow mode)
0.06 degrees max. (fast mode)
0.06 degrees max. (fast mode)
OTP programming options
PPTRIM; programming voltage 3.3V – 3.6V <70ºC;
3.5V – 3.6V >70ºC;
52-bit serial data protocol; CSn, PDIO and CLK
EasyZap; programming voltage 7.3V – 7.5V; Csn;
Prog and CLK; 16-bit (32-bit) serial data protocol;
Table 15. Difference Between AS5145 and AS5045
Building Block
AS5145
AS5045



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com