Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5245 Datasheet(PDF) 29 Page - ams AG

Part # AS5245
Description  Programmable 360쨘 Magnetic Angle Encoder with Absolute SSI and PWM Output
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5245 Datasheet(HTML) 29 Page - ams AG

Back Button AS5245 Datasheet HTML 25Page - ams AG AS5245 Datasheet HTML 26Page - ams AG AS5245 Datasheet HTML 27Page - ams AG AS5245 Datasheet HTML 28Page - ams AG AS5245 Datasheet HTML 29Page - ams AG AS5245 Datasheet HTML 30Page - ams AG AS5245 Datasheet HTML 31Page - ams AG AS5245 Datasheet HTML 32Page - ams AG AS5245 Datasheet HTML 33Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
www.austriamicrosystems.com/AS5245
Revision 1.3
29 - 33
AS5245
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
Timing Tolerance over Temperature. The internal RC oscillator is factory trimmed to ±5%. Over temperature, this tolerance may increase
to ±10%. Generally, the timing tolerance has no influence in the accuracy or resolution of the system, as it is used mainly for internal clock
generation. The only concern to the user is the width of the PWM output pulse, which relates directly to the timing tolerance of the internal
oscillator. This influence, however, can be cancelled by measuring the complete PWM duty cycle instead of just the PWM pulse.
9.7 AS5245 Differences to AS5045
All parameters are according to AS5045 data sheet except for the parameters shown below:
Table 15. Difference Between AS5245 and AS5045
Building Block
AS5245
AS5045
Resolution
12bits, 0.088º/step.
12bits, 0.088º/step.
Ambient temperature range
-40ºC to +150ºC
-40ºC to +125ºC
Data length
read: 18bits
(12bits data + 6 bits status)
OTP write: 18 bits
(12bits zero position + 6 bits mode selection)
read: 18bits
(12bits data + 6 bits status)
OTP write: 18 bits
(12bits zero position + 6 bits mode selection)
Pins 1 and 2
MagINCn, MagDECn: same feature as AS5045,
additional OTP option for red-yellow-green magnetic
range
MagINCn, MagDECn
Incremental encoder
Pin3 (DTest1_A); Pin 4 (DTest2_B); Pin 6 (Mode_Index)
2x1024 ppr (12-bit)
2x256 ppr low-jitter (10-bit)
Not used
Pin 3: not used
Pin 4:not used
Pin 6
MODE_Index pin selects fast or slow mode in the
default configuration. In case of incremental mode, the
fast mode is selected and the pin is configured as
output.
MODE_Index pin selects fast or slow mode in the
default configuration.
Pin 12
PWM output: frequency selectable by OTP:
1µs / step, 4096 steps per revolution, f=244Hz 2µs/
step, 4096 steps per revolution, f=122Hz
PWM output: frequency selectable by OTP:
1µs / step, 4096 steps per revolution, f=244Hz
2µs/ step, 4096 steps per revolution, f=122Hz
Sampling frequency
selectable by MODE input pin:
2.5kHz, 10,4kHz
selectable by MODE input pin:
2.5kHz, 10,4kHz
Propagation delay
384µs (slow mode)
384µs (slow mode)
96µs (fast mode)
96µs (fast mode)
Transition noise
(rms; 1sigma)
0.03 degrees maximum (slow mode)
0.03 degrees maximum (slow mode)
0.06 degrees maximum (fast mode)
0.06 degrees maximum (fast mode)
OTP programming options
PPTRIM; programming voltage 3.3V – 3.6V <70ºC;
3.5V – 3.6V >70ºC;
52-bit serial data protocol; CSn, PDIO and CLK
EasyZap; programming voltage 7.3V – 7.5V; Csn;
Prog and CLK; 16-bit (32-bit) serial data protocol;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com