Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5145A-HSSU Datasheet(PDF) 21 Page - ams AG

Part # AS5145A-HSSU
Description  12-Bit Programmable Magnetic Rotary Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5145A-HSSU Datasheet(HTML) 21 Page - ams AG

Back Button AS5145A-HSSU Datasheet HTML 17Page - ams AG AS5145A-HSSU Datasheet HTML 18Page - ams AG AS5145A-HSSU Datasheet HTML 19Page - ams AG AS5145A-HSSU Datasheet HTML 20Page - ams AG AS5145A-HSSU Datasheet HTML 21Page - ams AG AS5145A-HSSU Datasheet HTML 22Page - ams AG AS5145A-HSSU Datasheet HTML 23Page - ams AG AS5145A-HSSU Datasheet HTML 24Page - ams AG AS5145A-HSSU Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
www.austriamicrosystems.com/AS5145
Revision 1.10
21 - 36
AS5145
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
- CCW: Counter Clockwise Bit
ccw=0 – angular value increases in clockwise direction
ccw=1 – angular value increases in counterclockwise direction
- RA [4:0]: Redundant Address: an OTP bit location addressed by this address is always set to “1” independent of the corresponding origi-
nal OTP bit setting
9.1.4 OTP Default Setting
The AS5145 can also be operated without programming. The default, un-programmed setting is:
- Output Md0, Output MD1: 00= Default mode
- Z0 to Z11: 00 = no programmed zero position
- CCW: 0 = clockwise operation
- RA4 to RA0:0 = no OTP bit is selected
- MagCompEN: 1 = The green/yellow Mode is enabled
9.1.5 Redundancy
For a better programming reliability a redundancy is implemented. In case when the programming of one bit failed this function can be used. With
an address RA(4:0) one bit can be selected and programmed.
Table 14. Redundancy Addressing
Address
Z0
Z1
Z2
Z3
Z4
Z5
Z6
Z7
Z8
Z9
Z10
Z11
00000
0000
0000
00000
00000
00001
1000
0000
00000
00000
00010
0100
0000
00000
00000
00011
0010
0000
00000
00000
00100
0001
0000
00000
00000
00101
0000
1000
00000
00000
00110
0000
0100
00000
00000
00111
0000
0010
00000
00000
01000
0000
0001
00000
00000
01001
0000
0000
10000
00000
01010
0000
0000
01000
00000
01011
0000
0000
00100
00000
01100
0000
0000
00010
00000
01101
0000
0000
00001
00000
01110
0000
0000
00000
10000
01111
0000
0000
00000
01000
10000
0000
0000
00000
00100
10001
0000
0000
00000
00010
10010
0000
0000
00000
00001
10101
1111
1111
11111
11111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com