Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5145B-HSSU Datasheet(PDF) 32 Page - ams AG

Part # AS5145B-HSSU
Description  12-Bit Programmable Magnetic Rotary Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5145B-HSSU Datasheet(HTML) 32 Page - ams AG

Back Button AS5145B-HSSU Datasheet HTML 28Page - ams AG AS5145B-HSSU Datasheet HTML 29Page - ams AG AS5145B-HSSU Datasheet HTML 30Page - ams AG AS5145B-HSSU Datasheet HTML 31Page - ams AG AS5145B-HSSU Datasheet HTML 32Page - ams AG AS5145B-HSSU Datasheet HTML 33Page - ams AG AS5145B-HSSU Datasheet HTML 34Page - ams AG AS5145B-HSSU Datasheet HTML 35Page - ams AG AS5145B-HSSU Datasheet HTML 36Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
www.austriamicrosystems.com/AS5145
Revision 1.10
32 - 36
AS5145
Data Sheet - P a c k age Drawings a nd M a rkings
10 Package Drawings and Markings
The device is available in SSOP 16 (5.3mm x 6.2mm).
Figure 24. Package Drawings
Table 16. Package Dimensions
Symbol
mm
Min
Typ
Max
A
1.73
1.86
1.99
A1
0.05
0.13
0.21
A2
1.68
1.73
1.78
b
0.25
0.315
0.38
c
0.09
-
0.20
D
6.07
6.20
6.33
E7.65
7.8
7.9
E1
5.2
5.3
5.38
e0.65
K0º
-
8º
L
0.63
0.75
0.95
AYWWIZZ
AS5145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com