Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5304 Datasheet(PDF) 1 Page - ams AG

Part # AS5304
Description  Integrated Hall ICs for Linear and Off-Axis Rotary Motion Detection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5304 Datasheet(HTML) 1 Page - ams AG

  AS5304 Datasheet HTML 1Page - ams AG AS5304 Datasheet HTML 2Page - ams AG AS5304 Datasheet HTML 3Page - ams AG AS5304 Datasheet HTML 4Page - ams AG AS5304 Datasheet HTML 5Page - ams AG AS5304 Datasheet HTML 6Page - ams AG AS5304 Datasheet HTML 7Page - ams AG AS5304 Datasheet HTML 8Page - ams AG AS5304 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Revision 1.5
www.austriamicrosystems.com
Page 1 of 13
1 General Description
The AS5304/AS5306 are single-chip IC’s with integrated
Hall elements for measuring linear or rotary motion using
multi-pole magnetic strips or rings.
This allows the usage of the AS5304/AS5306 in
applications where the Sensor IC cannot be mounted at the
end of a rotating device (e.g. at hollow shafts). Instead, the
AS5304/AS5306 are mounted off-axis underneath a multi-
pole magnetized ring or strip and provides a quadrature
incremental output with 40 pulses per pole period at
speeds of up to 20 meters/sec (AS5304) or 12 meters/sec
(AS5306).
A single index pulse is generated once for every pole pair
at the Index output.
Using, for example, a 32pole-pair magnetic ring, the
AS5304/AS5306 can provide a resolution of 1280
pulses/rev, which is equivalent to 5120 positions/rev or
12.3bit. The maximum speed at this configuration is 9375
rpm.
The pole pair length is 4mm (2mm north pole / 2mm south
pole) for the AS5304, and 2.4mm (1.2mm north pole /
1.2mm south pole) for the AS5306. The chip accepts a
magnetic field strength down to 5mT (peak).
Both chips are available with push-pull outputs
(AS530xA) or with open drain outputs (AS530xB).
The AS5304/AS5306 are available in a small 20-pin
TSSOP package and specified for an operating ambient
temperature of -40° to +125°C.
Figure 1:
AS5304 (AS5306) with multi-pole ring magnet.
2 Benefits
• Complete system-on-chip
• High reliability due to non-contact sensing
• Suitable for the use in harsh environments
• Robust against external magnetic stray fields
3 Key Features
• High speed, up to 20m/s (AS5304)
12m/s (AS5306)
• Magnetic pole pair length: 4mm (AS5304) or
2.4mm (AS5306)
• Resolution: 25µm (AS5304) or 15µm (AS5306)
• 40 pulses / 160 positions per magnetic period.
• 1 index pulse per pole pair
• Linear movement measurement using multi-pole
magnetic strips
• Circular off-axis movement measurement using multi-
pole magnetic rings
• 4.5 to 5.5V operating voltage
• Magnetic field strength indicator, magnetic field alarm
for end-of-strip or missing magnet
4 Applications
The AS5304/AS5306 are ideal for high speed linear motion
and off-axis rotation measurement in applications such as
• electrical motors
• X-Y-stages
• rotation knobs
• industrial drives
Figure 2:
AS5306 (AS5304) with magnetic multi-pole strip magnet
for linear motion measurement
AS5304 / AS5306
Integrated Hall ICs for
Linear and Off-Axis Rotary Motion Detection
PRELIMINARY DATA SHEET


Similar Part No. - AS5304

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5304 AMSCO-AS5304 Datasheet
375Kb / 7P
Magnetic Multipole Ring, MR20-44 Pole Length 2.0 mm, 44 Poles
AS5304 AMSCO-AS5304 Datasheet
507Kb / 31P
Integrated Hall ICs for Linear and Off-Axis Rotary Motion Detection
2017-May-03
logo
List of Unclassifed Man...
AS5304A-ATSU ETC1-AS5304A-ATSU Datasheet
466Kb / 13P
Integrated Hall ICs for Linear and Off-Axis Rotary Motion Detection
logo
ams AG
AS5304 AMSCO-AS5304_13 Datasheet
375Kb / 7P
Magnetic Multipole Ring, MR20-44 Pole Length 2.0 mm, 44 Poles
AS5304 AMSCO-AS5304_V02 Datasheet
507Kb / 31P
Integrated Hall ICs for Linear and Off-Axis Rotary Motion Detection
2017-May-03
More results

Similar Description - AS5304

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5305 AMSCO-AS5305 Datasheet
442Kb / 2P
Integrated Hall IC for Linear and Off-Axis Rotary Motion Detection
logo
Rohm
BU52001GUL ROHM-BU52001GUL_10 Datasheet
476Kb / 20P
Omnipolar Detection Hall ICs
BU52002GUL ROHM-BU52002GUL_10 Datasheet
389Kb / 14P
Unipolar Detection Hall ICs
BU52002GUL_1008 ROHM-BU52002GUL_1008 Datasheet
387Kb / 20P
Unipolar Detection Hall ICs
BU52012NVX-TR ROHM-BU52012NVX-TR Datasheet
387Kb / 20P
Unipolar Detection Hall ICs
BU52011HFV-TR ROHM-BU52011HFV-TR Datasheet
608Kb / 32P
Omnipolar Detection Hall ICs
logo
List of Unclassifed Man...
AS5304A-ATSU ETC1-AS5304A-ATSU Datasheet
466Kb / 13P
Integrated Hall ICs for Linear and Off-Axis Rotary Motion Detection
logo
Rohm
BU52025G-TR ROHM-BU52025G-TR Datasheet
906Kb / 34P
Omnipolar Detection Hall ICs
logo
ams AG
AS5403A AMSCO-AS5403A Datasheet
850Kb / 66P
3D Hall Position Sensor for Linear and Off-Axis Applications
AS5304 AMSCO-AS5304_V02 Datasheet
507Kb / 31P
Integrated Hall ICs for Linear and Off-Axis Rotary Motion Detection
2017-May-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com