Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5306B Datasheet(PDF) 4 Page - ams AG

Part # AS5306B
Description  Integrated Hall ICs for Linear and Off-Axis Rotary Motion Detection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5306B Datasheet(HTML) 4 Page - ams AG

  AS5306B Datasheet HTML 1Page - ams AG AS5306B Datasheet HTML 2Page - ams AG AS5306B Datasheet HTML 3Page - ams AG AS5306B Datasheet HTML 4Page - ams AG AS5306B Datasheet HTML 5Page - ams AG AS5306B Datasheet HTML 6Page - ams AG AS5306B Datasheet HTML 7Page - ams AG AS5306B Datasheet HTML 8Page - ams AG AS5306B Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AS5304/AS5306 Integrated Hall IC for linear and off-axis rotary motion detection
Revision 1.5
www.austriamicrosystems.com
Page 4 of 13
Dimensions
mm
inch
Symbol
Min
Typ
Max
Min
Typ
Max
A
-
-
1.20
-
-
0.047
A1
0.05
-
0.15
0.002
-
0.006
A2
0.80
1.00
1.05
0.031
0.039
0.041
b
0.19
-
0.30
0.007
-
0.012
c
0.09
-
0.20
0.004
-
0.008
D
6.40
6.50
6.60
0.252
0.256
0.260
E
6.40
0.252
E1
4.30
4.40
4.50
0.169
0.173
0.177
e
0.65
0.0256
K
0°
-
8°
0°
-
8°
L
0.45
0.60
0.75
0.018
0.024
0.030
6.3
Electrical Connection
The supply pins VDD, VDDP and VDDA are connected to +5V. Pins VSS and TEST_GND are connected to the supply ground. A
100nF decoupling capacitor close to the device is recommended.
Figure 5:
Electrical connection of the AS5304/AS5306
Marking: AYWWIZZ
A: Pb-Free Identifier
Y: Last Digit of Manufacturing Year
WW: Manufacturing Week
I: Plant Identifier
ZZ: Traceability Code
JEDEC Package Outline Standard:
MO-153-AC
Thermal Resistance Rth(j-a):
89 K/W in still air, soldered on PCB.
IC's marked with a white dot or the letters "ES" denote
Engineering Samples



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com