Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5311ASSU Datasheet(PDF) 22 Page - ams AG

Part # AS5311ASSU
Description  High Resolution Magnetic Linear Encoder
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5311ASSU Datasheet(HTML) 22 Page - ams AG

Back Button AS5311ASSU Datasheet HTML 15Page - ams AG AS5311ASSU Datasheet HTML 16Page - ams AG AS5311ASSU Datasheet HTML 17Page - ams AG AS5311ASSU Datasheet HTML 18Page - ams AG AS5311ASSU Datasheet HTML 19Page - ams AG AS5311ASSU Datasheet HTML 20Page - ams AG AS5311ASSU Datasheet HTML 21Page - ams AG AS5311ASSU Datasheet HTML 22Page - ams AG AS5311ASSU Datasheet HTML 23Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
AS5311
Data Sheet
www.austriamicrosystems.com
Revision 1.01
22 - 23
Dimensions
mm
inch
Symbol
Min
Typ
Max
Min
Typ
Max
A
-
-
1.10
-
-
0.043
A1
0.05
-
0.15
0.002
-
0.006
A2
0.85
0.90
0.95
0.033
0.035
0.037
b
0.19
-
0.30
0.007
-
0.012
c
0.09
-
0.20
0.004
-
0.008
D
6.40
6.50
6.60
E
6.20
6.40
6.60
0.244
0.252
0.260
E1
4.30
4.40
4.50
0.169
0.173
0.177
e
0.65
.0256
K
0°
-
8°
0°
-
8°
L
0.50
0.60
0.75
0.019
0.024
0.030
14 Ordering Information
Delivery:
Tape and Reel (1 reel = 2000 devices)
Tubes (1 box = 100 tubes à 77 devices)
Order # AS5311ASSU
for delivery in tubes
Order # AS5311ASST
for delivery in tape and reel
15 Recommended PCB Footprint
Recommended Footprint Data
mm
inch
A
7.00
0.276
B
5.00
0.197
C
0.38
0.015
D
0.65
0.026
E
6.23
0.245
Marking: AYWWIZZ
A: Pb-Free Identifier
Y: Last Digit of Manufacturing Year
WW: Manufacturing Week
I: Plant Identifier
ZZ: Traceability Code
JEDEC Package Outline Standard:
MO – 153
Thermal Resistance Rth(j-a):
89 K/W in still air, soldered on PCB.
IC's marked with a white dot or the letters "ES"
denote Engineering Samples



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com