Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8218BLQS Datasheet(PDF) 73 Page - ams AG

Part # AS8218BLQS
Description  Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8218BLQS Datasheet(HTML) 73 Page - ams AG

Back Button AS8218BLQS Datasheet HTML 69Page - ams AG AS8218BLQS Datasheet HTML 70Page - ams AG AS8218BLQS Datasheet HTML 71Page - ams AG AS8218BLQS Datasheet HTML 72Page - ams AG AS8218BLQS Datasheet HTML 73Page - ams AG AS8218BLQS Datasheet HTML 74Page - ams AG AS8218BLQS Datasheet HTML 75Page - ams AG AS8218BLQS Datasheet HTML 76Page - ams AG AS8218BLQS Datasheet HTML 77Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 123 page
background image
Data Sheet AS8218 / AS8228
Revision 3.0, 31-May-06
Page 73 of 123
Example Pin List
Pin Name
Type
Functionality
Description
EEP_S_N
Input
Chip select, active low
When this input signal is High, the device is deselected and Serial Data
Output (SO) is at high impedance. Unless an internal Write cycle is in
progress, the device will be in the Standby mode. Driving Chip Select
(S_N) Low enables the device, placing it in the active power mode.
EEP_SO
Output Serial data output
This output signal is used to transfer data serially out of the device. Data
is shifted out on the falling edge of Serial Clock (SC).
EEP_SI
Input
Serial data input
This input signal is used to transfer data serially into the device. It
receives instructions, addresses and the data to be written. Values are
latched on the rising edge of Serial Clock (SC).
EEP_SC
Input
Serial clock
This input signal provides the timing of the serial interface. Instructions,
addresses or data present at Serial Data Input (SI) are latched on the
rising edge of Serial Clock (SC). Data on Serial Data Output (SO)
changes after the falling edge of Serial Clock (SC).
EEP_WP_N
1)
Input
Write protect, active low The main purpose of this input signal is to freeze the size of the area of
memory that is protected against Write instructions (as specified by the
values in the BP1 and BP0 bits of the Status register). This pin must be
driven either High or Low and must be stable during all write operations.
EEP_HOLD_N
1)
Input
Hold, active low
The Hold (HOLD_N) signal is used to pause any serial communications
with the device without deselecting the device. During the Hold
condition, the Serial Data Output (SO) is high impedance, and Serial
Data Input (SI) and Serial Clock (SC) are Don’t Care. To start the Hold
condition, the device must be selected, with Chip Select (S_N) driven
Low.
EEP_VCC
Supply Positive supply voltage
EEP_VSS
Supply Negative supply voltage
Note:
1)
No Write Protect (EEP_WP_N) and Hold (EEP_HOLD_N) pins are available on the AS8218 / AS8228 ICs.
These pins must be tied ‘high’ directly at the EEPROM device.
Instructions Timings
Write Enable (WREN)
Figure 14: Write enable (WREN) sequence
EEP_S_N(in)
EEP_SC(in)
EEP_SI(in)
EEP_SO(out
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com