Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25AA1024-I/MF Datasheet(PDF) 4 Page - Microchip Technology

Part # 25AA1024-I/MF
Description  1 Mbit SPI Bus Serial EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25AA1024-I/MF Datasheet(HTML) 4 Page - Microchip Technology

  25AA1024-I/MF Datasheet HTML 1Page - Microchip Technology 25AA1024-I/MF Datasheet HTML 2Page - Microchip Technology 25AA1024-I/MF Datasheet HTML 3Page - Microchip Technology 25AA1024-I/MF Datasheet HTML 4Page - Microchip Technology 25AA1024-I/MF Datasheet HTML 5Page - Microchip Technology 25AA1024-I/MF Datasheet HTML 6Page - Microchip Technology 25AA1024-I/MF Datasheet HTML 7Page - Microchip Technology 25AA1024-I/MF Datasheet HTML 8Page - Microchip Technology 25AA1024-I/MF Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
25AA1024
DS21836G-page 4
 2010 Microchip Technology Inc.
15
TDIS
Output disable time
—
—
—
25
50
250
ns
ns
ns
4.5
VCC 5.5
2.5
VCC 5.5
1.8
 VCC <2.5 at 0°C to +85°C
2.0
 VCC <2.5 at -40°C to +85°C
(Note 1)
16
THS
HOLD setup time
10
20
100
—
—
—
ns
ns
ns
4.5
VCC 5.5
2.5
VCC 5.5
1.8
 VCC <2.5 at 0°C to +85°C
2.0
 VCC <2.5 at -40°C to +85°C
17
THH
HOLD hold time
10
20
100
—
—
—
ns
ns
ns
4.5
VCC 5.5
2.5
VCC 5.5
1.8
 VCC <2.5 at 0°C to +85°C
2.0
 VCC <2.5 at -40°C to +85°C
18
THZ
HOLD low to output
High-Z
15
30
150
—
—
—
ns
ns
ns
4.5
VCC 5.5
2.5
VCC 4.5
1.8
 VCC <2.5 at 0°C to +85°C
2.0
 VCC <2.5 at -40°C to +85°C
(Note 1)
19
THV
HOLD high to output valid
15
30
150
—
—
—
ns
ns
ns
4.5
VCC 5.5
2.5
VCC 4.5
1.8
 VCC <2.5 at 0°C to +85°C
2.0
 VCC <2.5 at -40°C to +85°C
20
TREL
CS High to Standby mode
—
100
sVCC = 1.8V to 5.5V
21
TPD
CS High to Deep power-
down
—100
sVCC = 1.8V to 5.5V
22
TCE
Chip erase cycle time
—
10
ms
VCC = 1.8V to 5.5V
23
TSE
Sector erase cycle time
—
10
ms
VCC = 1.8V to 5.5V
24
TWC
Internal write cycle time
—
6
ms
Byte or Page mode and Page
Erase
25
—
Endurance
1M
—
E/W
Cycles
(Note 2) Per Page
TABLE 1-2:
AC CHARACTERISTICS (CONTINUED)
AC CHARACTERISTICS
Industrial (I)*:
TA = 0°C to +85°C
VCC = 1.8V to 5.5V
Industrial (I):
TA = -40°C to +85°C
VCC = 2.0V to 5.5V
*Limited industrial temp range.
Param.
No.
Sym.
Characteristic
Min.
Max.
Units
Conditions
Note 1: This parameter is periodically sampled and not 100% tested.
2: This parameter is not tested but established by characterization and qualification. For endurance
estimates in a specific application, please consult the Total Endurance™ Model which can be obtained
from Microchip’s web site at www.microchip.com.
3: Includes THI time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com