Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHA3092RBF Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHA3092RBF
Description  20-33GHz Medium Power Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA3092RBF Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHA3092RBF Datasheet HTML 1Page - United Monolithic Semiconductors CHA3092RBF Datasheet HTML 2Page - United Monolithic Semiconductors CHA3092RBF Datasheet HTML 3Page - United Monolithic Semiconductors CHA3092RBF Datasheet HTML 4Page - United Monolithic Semiconductors CHA3092RBF Datasheet HTML 5Page - United Monolithic Semiconductors CHA3092RBF Datasheet HTML 6Page - United Monolithic Semiconductors CHA3092RBF Datasheet HTML 7Page - United Monolithic Semiconductors CHA3092RBF Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
20-30GHz Medium Power Amplifier
CHA3092RBF
Ref. : DSCHA3092RBF2057 -26-Feb.-01-
3/8
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical results on PCB (recommended motherboard layout)
Vd=3.5V, Id adjusted at 300mA
Gain & Return Loss
-20
-15
-10
-5
0
5
10
15
20
25
18
20
22
24
26
28
30
32
34
frequency (GHz)
Linear Gain (dB)
Input Return Loss (dB)
Output Return Loss (dB)
Gain versus Output Power
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
3
4
5
6
7
8
9
1011 12131415161718192021 2223
Pout (dBm)
22GHz
28GHz
34GHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com