Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHA3092RBF/24 Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHA3092RBF/24
Description  20-33GHz Medium Power Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA3092RBF/24 Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHA3092RBF/24 Datasheet HTML 1Page - United Monolithic Semiconductors CHA3092RBF/24 Datasheet HTML 2Page - United Monolithic Semiconductors CHA3092RBF/24 Datasheet HTML 3Page - United Monolithic Semiconductors CHA3092RBF/24 Datasheet HTML 4Page - United Monolithic Semiconductors CHA3092RBF/24 Datasheet HTML 5Page - United Monolithic Semiconductors CHA3092RBF/24 Datasheet HTML 6Page - United Monolithic Semiconductors CHA3092RBF/24 Datasheet HTML 7Page - United Monolithic Semiconductors CHA3092RBF/24 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CHA3092RBF
Ref. : DSCHA3092RBF2057 -26-Feb.-01-
1/8
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - B.P.46 - 91401 Orsay Cedex France
Tel. : +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
20-33GHz Medium Power Amplifier
GaAs Monolithic Microwave IC in SMD leadless package
Description
The monolithic microwave IC (MMIC) in the
package is a high gain broadband four-
stage monolithic medium power amplifier. It
is designed for a wide range of applications,
from military to commercial communication
systems. The circuit is manufactured with a
standard PM-HEMT process: 0.25µm gate
length, via holes through the substrate, air
bridges and electron beam gate lithography.
It is supplied in a new SMD leadless chip
carrier.
Main Features
■ Broad band performance: 20-33GHz
■ Gain = 20dB (typical)
■ Output power (P-1dB): 19dBm (typical)
■ Return loss < -6dB
■ Low DC power consumption, 300mA
■ SMD leadless package
■ Dimensions: 5.08 x 5.08 x 0.97 mm
3
SMD Package Dimensions
"Please note that PIN 1 is located in the lower left corner of the package (front-side view) for all SMD-type packages from United Monolithic Semiconductors.
It is indicated by a triangle on the package lid. Starting with PIN 1 the other pads are numbered counter-clockwise (front-side view). ATTENTION: The dot on
the backside of the package (i.e. side with metallic pads) is just for fabrication purposes and does NOT indicate the location of PIN


Similar Part No. - CHA3092RBF/24

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3092 UMS-CHA3092 Datasheet
112Kb / 7P
20-33GHz Medium Power Amplifier
CHA3092 UMS-CHA3092 Datasheet
115Kb / 6P
20-33GHz Medium Power Amplifier
CHA3092-99F/00 UMS-CHA3092-99F/00 Datasheet
112Kb / 7P
20-33GHz Medium Power Amplifier
CHA3092 UMS-CHA3092_15 Datasheet
115Kb / 6P
20-33GHz Medium Power Amplifier
More results

Similar Description - CHA3092RBF/24

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
KGF1262 OKI-KGF1262 Datasheet
141Kb / 10P
Medium-Power Amplifier
logo
STMicroelectronics
STZTA42 STMICROELECTRONICS-STZTA42 Datasheet
70Kb / 4P
MEDIUM POWER AMPLIFIER
Oct-1995
STZTA92 STMICROELECTRONICS-STZTA92 Datasheet
70Kb / 4P
MEDIUM POWER AMPLIFIER
Oct-1995
logo
United Monolithic Semic...
CHA2098RBF UMS-CHA2098RBF Datasheet
163Kb / 6P
20-33GHz High Gain Buffer Amplifier
CHA3092 UMS-CHA3092 Datasheet
112Kb / 7P
20-33GHz Medium Power Amplifier
CHA3093C UMS-CHA3093C Datasheet
257Kb / 10P
20-40GHz Medium Power Amplifier
CHA3693-QDG UMS-CHA3693-QDG Datasheet
389Kb / 10P
20-30GHz Medium Power Amplifier
logo
IXYS Corporation
MMA-273336 IXYS-MMA-273336 Datasheet
1Mb / 10P
27-33GHz 4W MMIC Power Amplifier
logo
United Monolithic Semic...
CHA3092 UMS-CHA3092_15 Datasheet
115Kb / 6P
20-33GHz Medium Power Amplifier
CHA3093C UMS-CHA3093C_15 Datasheet
277Kb / 10P
20-40GHz Medium Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com