Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1790 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP1790
Description  70 mA, High Voltage Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1790 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP1790 Datasheet HTML 5Page - Microchip Technology MCP1790 Datasheet HTML 6Page - Microchip Technology MCP1790 Datasheet HTML 7Page - Microchip Technology MCP1790 Datasheet HTML 8Page - Microchip Technology MCP1790 Datasheet HTML 9Page - Microchip Technology MCP1790 Datasheet HTML 10Page - Microchip Technology MCP1790 Datasheet HTML 11Page - Microchip Technology MCP1790 Datasheet HTML 12Page - Microchip Technology MCP1790 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
© 2008 Microchip Technology Inc.
DS22075A-page 9
MCP1790/MCP1791
Note: Unless otherwise indicated, C
OUT = 4.7 uF Ceramic (X7R), CIN = 10.0 µF Ceramic (X7R), IOUT = 1 mA, Temperature = +25°C,
VIN = 6.0V, RPWRGD_PULLUP = 10 kΩ To VOUT, VSHDN = VIN, and device is MCP1790.
FIGURE 2-7:
Line Regulation vs.
Temperature.
FIGURE 2-8:
Line Regulation vs.
Temperature.
FIGURE 2-9:
Load Regulation vs.
Temperature.
FIGURE 2-10:
Output Voltage vs. Load
Current.
FIGURE 2-11:
Dropout Voltage vs. Load
Current.
FIGURE 2-12:
Dropout Voltage vs.
Temperature.
-0.006
-0.004
-0.002
0.000
0.002
0.004
0.006
-45
-20
5
30
55
80
105
130
Temperature (°C)
VOUT = 3.3V
VIN = 6V to 30V
70 mA
10 mA
0 mA
-0.006
-0.004
-0.002
0.000
0.002
0.004
0.006
-45
-20
5
30
55
80
105
130
Temperature (°C)
VOUT = 5.0V
VIN = 6V to 30V
70 mA
0 mA
30 mA
-0.30
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
-45
-20
5
30
55
80
105
130
Temperature (°C)
ILOAD = 1 mA to 70 mA
VREG=5.0V
VREG=3.3V
VREG=3.0V
4.94
4.95
4.96
4.97
4.98
4.99
5.00
5.01
5.02
5.03
5.04
0
102030
40506070
Load Current (mA)
VOUT = 5.0V
VIN = 6.3V
+25°C
+130°C
-45°C
0°C
+90°C
+25°C
+130°C
-45°C
0°C
+90°C
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
10203040
50
60
70
Load Current (mA)
VOUT = 5.0V
+25°C
+130°C
-45°C
0°C
+90°C
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-45
-20
5
30
55
80
105
130
Temperature (°C)
VOUT = 5.0V
1 mA
50 mA
10 mA
30 mA
70 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com