Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6031-E/MS Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP6031-E/MS
Description  0.9 關A, High Precision Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6031-E/MS Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP6031-E/MS Datasheet HTML 13Page - Microchip Technology MCP6031-E/MS Datasheet HTML 14Page - Microchip Technology MCP6031-E/MS Datasheet HTML 15Page - Microchip Technology MCP6031-E/MS Datasheet HTML 16Page - Microchip Technology MCP6031-E/MS Datasheet HTML 17Page - Microchip Technology MCP6031-E/MS Datasheet HTML 18Page - Microchip Technology MCP6031-E/MS Datasheet HTML 19Page - Microchip Technology MCP6031-E/MS Datasheet HTML 20Page - Microchip Technology MCP6031-E/MS Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
© 2008 Microchip Technology Inc.
DS22041B-page 17
MCP6031/2/3/4
4.9
Application Circuits
4.9.1
BATTERY CURRENT SENSING
The MCP6031/2/3/4 op amps’ Common Mode Input
Range, which goes 0.3V beyond both supply rails,
supports their use in high side and low side battery
current sensing applications. The ultra low quiescent
current (0.9 µA, typical) helps prolong battery life, and
the rail-to-rail output supports detection of low currents.
Figure 4-7 shows a high side battery current sensor
circuit. The 10
Ω resistor is sized to minimize power
losses. The battery current (IDD) through the 10Ω
resistor causes its top terminal to be more negative
than the bottom terminal. This keeps the common
mode input voltage of the op amp below VDD, which is
within its allowed range. The output of the op amp will
also be below VDD, which is within its Maximum Output
Voltage Swing specification.
FIGURE 4-7:
High Side Battery Current
Sensor.
4.9.2
PRECISION COMPARATOR
Use high gain before a comparator to improve the lat-
ter’s input offset performance. Figure 4-8 shows a gain
of 11 V/V placed before a comparator. The reference
voltage VREF can be any value between the supply
rails.
FIGURE 4-8:
Precision, Non-inverting
Comparator.
4.9.3
DRIVING MCP3421
ΔΣ A/D
CONVERTER
A RSH and CSH snubber reduces the output impedance
of MCP6031 op amp, which reduces the gain error
caused by switching transients, which occur at the
MCP3421 ADC's sampling rate. The snubber also
maintains feedback stability and avoids AC response
peaking and step response overshoot and ringing
(caused by the op amp’s inductive output impedance
resonating with the ADC’s input capacitance). The cost
for this improvement is low. Best of all, using an op amp
with higher supply current is avoided. See Figure 4-9.
This figure also includes a resistor to balance the
impedance at the ADC's inputs (RBAL) at the sampling
frequency; it may not be needed in all designs.
FIGURE 4-9:
Driving the MCP3421 using
an R-C Snubber.
VDD
IDD
MCP6031
100 k
Ω
1M
Ω
1.4V
VOUT
10
Ω
to
5.5V
I
DD
V
DD
V
OUT
–
10 V/V
() 10
Ω
()
⋅
------------------------------------------
=
VIN
1M
Ω
VOUT
MCP6031
100 k
Ω
MCP6541
VREF
VIN
MCP6031
RSH
CSH
1.00 k
Ω
2.2 µF
RBAL
1.00 k
Ω
MCP3421
ΔΣ
1.00 k
Ω
ZIND
2.25 M
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com