Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1301A-ADAVMF Datasheet(PDF) 25 Page - Microchip Technology

Part # TC1301A-ADAVMF
Description  Dual LDO with Microcontroller RESET Function
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1301A-ADAVMF Datasheet(HTML) 25 Page - Microchip Technology

Back Button TC1301A-ADAVMF Datasheet HTML 20Page - Microchip Technology TC1301A-ADAVMF Datasheet HTML 21Page - Microchip Technology TC1301A-ADAVMF Datasheet HTML 22Page - Microchip Technology TC1301A-ADAVMF Datasheet HTML 23Page - Microchip Technology TC1301A-ADAVMF Datasheet HTML 24Page - Microchip Technology TC1301A-ADAVMF Datasheet HTML 25Page - Microchip Technology TC1301A-ADAVMF Datasheet HTML 26Page - Microchip Technology TC1301A-ADAVMF Datasheet HTML 27Page - Microchip Technology TC1301A-ADAVMF Datasheet HTML 28Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
© 2008 Microchip Technology Inc.
21798C-page 25
TC1301A/B
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
TC1301A: Dual LDO with microcontroller RESET function
and single shutdown input.
TC1301B: Dual LDO with microcontroller RESET function
and dual shutdown inputs.
Standard
Configurations: *
VOUT1/VOUT2/Reset
Configuration
Code
TC1301A
3.3 / 3.0 / 2.63
3.3 / 1.8 / 2.63
3.0 / 2.8 / 2.63
3.0 / 1.8 / 2.63
2.8 / 3.0 / 2.63
2.8 / 2.6 / 2.63
1.8 / 2.8 / 2.32
1.5 / 2.8 / 2.32
2.85 / 1.85 / 2.63
ADA
APA
DFA
DPA
FDA
FHA
PFC
SFC
UWA
TC1301B
3.3 / 3.0 / 2.63
3.3 / 1.8 / 2.63
3.0 / 2.8 / 2.63
3.0 / 1.8 / 2.63
2.8 / 3.0 / 2.63
2.8 / 2.6 / 2.63
2.7 / 2.8 / 2.5
2.7 / 3.0 / 2.50
2.85 / 1.85 / 2.63
ADA
APA
DFA
DPA
FDA
FHA
GFD
GDD
UWA
* Contact Factory for Alternate Output Voltage and Reset
Voltage Configurations.
Temperature Range:
V
=
-40°C to +125°C
Package:
MF
= Dual Flat, No Lead (3x3 mm body), 8-lead
UA
= Plastic Micro Small Outline (MSOP), 8-lead
Tube or
Tape and Reel:
Blank
= Tube
TR
= Tape and Reel
Examples:
a)
TC1301A-ADAVUA:
3.3, 3.0, 2.63,
MSOP pkg.
b)
TC1301A-APAVMFTR:
3.3 , 1.8, 2.63,
8LD DFN pkg.
Tape and Reel
c)
TC1301A-DFAVUATR:
3.0, 2.8 , 2.63,
MSOP pkg.
Tape and Reel
d)
TC1301A-DPAVMF:
3.0, 1.8 , 2.63,
8LD DFN pkg.
e)
TC1301A-FDAVMF:
2.8, 3.0, 2.63,
8LD DFN pkg.
f)
TC1301A-FHAVMF:
2.8, 2.6, 2.63,
DFN pkg.
g)
TC1301A-PFCVUA:
1.8, 2.8, 2.32,
MSOP pkg.
h)
TC1301A-SFCVMFTR:
1.5, 2.8, 2.32,
DFN pkg.
Tape and Reel
i)
TC1301A-UWAVUATR:
2.85, 1.85, 2.63,
MSOP pkg.
Tape and Reel
a)
TC1301B-ADAVMF:
3.3, 3.0, 2.63,
8LD DFN pkg.
b)
TC1301B-APAVMFTR:
3.3, 1.8, 2.63,
8LD DFN pkg.
Tape and Reel
c)
TC1301B-DFAVUA:
3.0, 2.8, 2.63,
MSOP pkg.
d)
TC1301B-DPAVUATR:
3.0, 1.8 ,2.63,
MSOP pkg.
Tape and Reel
e)
TC1301B-FDAVMF:
2.8 ,3.0, 2.63,
8LD DFN pkg.
f)
TC1301B-FHAVMFTR:
2.8, 2.6 ,2.63,
8LD DFN pkg.
Tape and Reel
g)
TC1301B-GDDVUA:
2.7, 3.0, 2.50,
MSOP pkg.
h)
TC1301B-GFDVMF:
2.7, 2.8, 2.5,
8LD DFN pkg.
i)
TC1301B-UWAVUATR:
2.85, 1.85, 2.63,
MSOP pkg.
Tape and Reel
PART NO.
X-
X
VOUT1
Type
A/B
TC1301
X
VOUT2
X
Reset
Voltage
X
Temp
Range
XX
Package
XX
Tube
or
Tape &
Reel
Standard
Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com