Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6281RT-E/ST Datasheet(PDF) 31 Page - Microchip Technology

Part # MCP6281RT-E/ST
Description  450 關A, 5 MHz Rail-to-Rail Op Amp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6281RT-E/ST Datasheet(HTML) 31 Page - Microchip Technology

Back Button MCP6281RT-E/ST Datasheet HTML 27Page - Microchip Technology MCP6281RT-E/ST Datasheet HTML 28Page - Microchip Technology MCP6281RT-E/ST Datasheet HTML 29Page - Microchip Technology MCP6281RT-E/ST Datasheet HTML 30Page - Microchip Technology MCP6281RT-E/ST Datasheet HTML 31Page - Microchip Technology MCP6281RT-E/ST Datasheet HTML 32Page - Microchip Technology MCP6281RT-E/ST Datasheet HTML 33Page - Microchip Technology MCP6281RT-E/ST Datasheet HTML 34Page - Microchip Technology MCP6281RT-E/ST Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
© 2008 Microchip Technology Inc.
DS21811E-page 31
MCP6281/1R/2/3/4/5
APPENDIX A:
REVISION HISTORY
Revision E (February 2008)
The following is the list of modifications:
1.
Updated notes to Section 1.0 “Electrical Char-
acteristics”.
2.
Increased absolute maximum voltage range of
input
pins.
Increased
maximum
operating
supply voltage (VDD).
3.
Added Section 1.1 “Test Circuits”.
4.
Added Figure 2-32.
5.
Updated Table 3-1 and Table 3-2 in Section 3.0
“Pin Descriptions”.
6.
Added
Section 4.1.1
“Phase
Reversal”,
Section 4.1.2 “Input Voltage and Current
Limits”, and Section 4.1.3 “Normal Opera-
tion”.
7.
Added Section 4.7 “Unused Op Amps”.
8.
Updated Section 5.0 “Design AIDS”.
9.
Updated
package
outline
drawings
in
Section 6.0 “Packaging Information”.
Revision D (December 2004)
The following is the list of modifications:
1.
Added SOT-23-5 packages for the MCP6281
and MCP6281R single op amps.
2.
Added SOT-23-6 package for the MCP6283
single op amp.
3.
Added Section 3.0 “Pin Descriptions”.
4.
Corrected application circuits
(Section 4.9 “Application Circuits”).
5.
Added SOT-23-5 and SOT-23-6 packages and
corrected
package
marking
information
(Section 6.0 “Packaging Information”).
6.
Added Appendix A: Revision History.
Revision C (June 2004)
The following is the list of modifications:
1.
Undocumented changes.
Revision B (October 2003)
The following is the list of modifications:
1.
Undocumented changes.
Revision A (June 2003)
• Original data sheet release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com