Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1301A-APAVMF Datasheet(PDF) 12 Page - Microchip Technology

Part # TC1301A-APAVMF
Description  Dual LDO with Microcontroller RESET Function
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1301A-APAVMF Datasheet(HTML) 12 Page - Microchip Technology

Back Button TC1301A-APAVMF Datasheet HTML 8Page - Microchip Technology TC1301A-APAVMF Datasheet HTML 9Page - Microchip Technology TC1301A-APAVMF Datasheet HTML 10Page - Microchip Technology TC1301A-APAVMF Datasheet HTML 11Page - Microchip Technology TC1301A-APAVMF Datasheet HTML 12Page - Microchip Technology TC1301A-APAVMF Datasheet HTML 13Page - Microchip Technology TC1301A-APAVMF Datasheet HTML 14Page - Microchip Technology TC1301A-APAVMF Datasheet HTML 15Page - Microchip Technology TC1301A-APAVMF Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
TC1301A/B
DS21798C-page 12
© 2008 Microchip Technology Inc.
3.0
TC1301A PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
TC1301A PIN FUNCTION TABLE
3.1
RESET Output Pin
The push-pull output pin is used to monitor the voltage
on the VDET pin. If the VDET voltage is less than the
threshold voltage, the RESET output will be held in the
low state. As the VDET pin rises above the threshold,
the RESET output will remain in the low state for
300 ms and then change to the high state, indicating
that the voltage on the VDET pin is above the threshold.
3.2
Regulated Output Voltage #1
(VOUT1)
Connect VOUT1 to the positive side of the VOUT1
capacitor and load. It is capable of 300 mA maximum
output current. VOUT1 output is available when VIN is
available; there is no pin to turn it OFF. See TC1301B
if ON/OFF control of VOUT1 is desired.
3.3
Circuit Ground Pin (GND)
Connect GND to the negative side of the input and
output capacitor. Only the LDO internal circuitry bias
current flows out of this pin (200 µA maximum).
3.4
Reference Bypass Input
By connecting an external 10 nF capacitor (typical) to
the bypass input, both outputs (VOUT1 and VOUT2) will
have less noise and improved Power Supply Ripple
Rejection (PSRR) performance. The LDO output
voltage start-up time will increase with the addition of
an external bypass capacitor. By leaving this pin
unconnected, the start-up time will be minimized.
3.5
Output Voltage #2 Shutdown
(SHDN2)
ON/OFF control is performed by connecting SHDN2 to
its proper level. When the input of this pin is connected
to a voltage less than 15% of VIN, VOUT2 will be OFF. If
this pin is connected to a voltage that is greater than
45% of VIN, VOUT2 will be turned ON.
3.6
Regulated Output Voltage #2
(VOUT2)
Connect VOUT2 to the positive side of the VOUT2
capacitor and load. This pin is capable of a maximum
output current of 150 mA. VOUT2 can be turned ON and
OFF using SHDN2.
3.7
Unregulated Input Voltage Pin
(VIN)
Connect the unregulated input voltage source to VIN. If
the input voltage source is located more than several
inches away, or is a battery, a typical input capacitance
of 1 µF to 4.7 µF is recommended.
3.8
Input Pin for Voltage Detector
(VDET)
The voltage on the input of VDET is compared with the
preset VDET threshold voltage. If the voltage is below
the threshold, the RESET output will be low. If the
voltage is above the VDET threshold, the RESET output
will be high after the RESET time period. The IDET
supply current is typically 9 µA at room temperature,
with VDET =3.8V.
Pin No.
Name
Function
1
RESET
Push-pull output pin that will remain low while VDET is below the reset threshold and for
300 ms after VDET rises above the reset threshold.
2VOUT1
Regulated output voltage #1 capable of 300 mA.
3
GND
Circuit ground pin.
4
Bypass
Internal reference bypass pin. A 10 nF external capacitor can be used to further reduce
output noise and improve PSRR performance.
5
SHDN2
Output #2 shutdown control Input.
6VOUT2
Regulated output voltage #2 capable of 150 mA.
7VIN
Unregulated input voltage pin.
8VDET
Input pin for Voltage Detector (VDET).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com