Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC54VC3002EMB713 Datasheet(PDF) 7 Page - Microchip Technology

Part # TC54VC3002EMB713
Description  Voltage Detector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC54VC3002EMB713 Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC54VC3002EMB713 Datasheet HTML 3Page - Microchip Technology TC54VC3002EMB713 Datasheet HTML 4Page - Microchip Technology TC54VC3002EMB713 Datasheet HTML 5Page - Microchip Technology TC54VC3002EMB713 Datasheet HTML 6Page - Microchip Technology TC54VC3002EMB713 Datasheet HTML 7Page - Microchip Technology TC54VC3002EMB713 Datasheet HTML 8Page - Microchip Technology TC54VC3002EMB713 Datasheet HTML 9Page - Microchip Technology TC54VC3002EMB713 Datasheet HTML 10Page - Microchip Technology TC54VC3002EMB713 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
© 2007 Microchip Technology Inc.
DS21434H-page 7
TC54
5.0
PACKAGING INFORMATION
5.1
Package Marking Information
)
Symbol
Output
Voltage
BCMOS
1.
CCMOS
2.
DCMOS
3.
ECMOS
4.
FCMOS
5.
HCMOS
6.
ICMOS
7.
Symbol
Output
Voltage
LNch
1.
MNch
2.
NNch
3.
PNch
4.
RNch
5.
SNch
6.
TNch
7.
Symbol
Voltage
Symbol
Voltage
0.06
.6
1.17
.7
2.28
.8
3.39
.9
4.4
5.5
3-Pin SOT-23A
3-Pin SOT-89
1
1
2
2
4
3
4
3
1
represents output configuration (CMOS or Nch)
and first integer of voltage
Ex: CMOS 3.x = D
2
represents first decimal of output voltage (0-9)
Ex: CMOS 3.x = D 4
4
3
represents assembly lot code
&
Symbol
Output
CCMOS
N
N-Channel
Symbol
Voltage
22.
33.
44.
55.
66.
Symbol
Voltage
Symbol
Voltage
0.0
5
.5
1.1
6
.6
2.2
7
.7
3.3
8
.8
4.4
9
.9
Symbol
Delay Time
0
No Delay
Symbol
Accuracy
1
±1.0% (custom)
2
±2.0% (standard)
3-Pin TO-92
8
4
7
3
6
2
5
1
= 54X (fixed)
1 , 2 , & 3
4
represents output configuration (CMOS or Nch)
Ex: CMOS 3.x = C
5
represents first integer of detect voltage
6
represents first decimal of detect voltage
7
represents the output Delay Time
represents the device accuracy
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com