Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM8203EP Datasheet(PDF) 21 Page - Davicom Semiconductor, Inc.

Part # DM8203EP
Description  10/100 Mbps 2-port Ethernet Switch Controller With MII / RMII Interface
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM8203EP Datasheet(HTML) 21 Page - Davicom Semiconductor, Inc.

Back Button DM8203EP Datasheet HTML 17Page - Davicom Semiconductor, Inc. DM8203EP Datasheet HTML 18Page - Davicom Semiconductor, Inc. DM8203EP Datasheet HTML 19Page - Davicom Semiconductor, Inc. DM8203EP Datasheet HTML 20Page - Davicom Semiconductor, Inc. DM8203EP Datasheet HTML 21Page - Davicom Semiconductor, Inc. DM8203EP Datasheet HTML 22Page - Davicom Semiconductor, Inc. DM8203EP Datasheet HTML 23Page - Davicom Semiconductor, Inc. DM8203EP Datasheet HTML 24Page - Davicom Semiconductor, Inc. DM8203EP Datasheet HTML 25Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 63 page
background image
DM8203
2-port switch with MII / RMII Interface
Preliminary datasheet
21
DM8203-15-DS-P05
October 23, 2008
6.15 Bandwidth Control Setting Register (67H)
Bit
Name
Default
Description
7:4
BSTH
PE0,RW
Broadcast Storm Threshold
These bits define the bandwidth threshold that received broadcast packets over
the threshold are discarded
0000: no broadcast storm control
0001: 8K packets/sec
0010: 16K packets/sec
0011: 64K packets/sec
0100: 5%
0101: 10%
0110: 20%
0111: 30%
1000: 40%
1001: 50%
1010: 60%
1011: 70%
1100: 80%
1101: 90%
111X: no broadcast storm control
3:0
BW CTRL
PE0,RW
Received and Transmitted Bandwidth Control
These bits define the bandwidth threshold that transmitted or received packets
over the threshold are discarded
0000: none
0001: 64Kbps
0010: 128Kbps
0011: 256Kbps
0100: 512Kbps
0101: 1Mbps
0110: 2Mbps
0111: 4Mbps
1000: 8Mbps
1001: 16Mbps
1010: 32Mbps
1011: 48Mbps
1100: 64Mbps
1101: 72Mbps
1110: 80Mbps
1111: 88Mbps
6.16 Per Port Block Unicast ports Control Register (68H)
Bit
Name
Default
Description
7:4
RESERVED
PH0,RW Reserved
3:0
BLK_UP
PH0,RW Ports of Unicast Packet Be Blocked
The received unicast packets are not forward to the assigned ports.
Note that the assigned port definition: bit 0 for port 0, bit 1 for port 1,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com