Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9921 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9921
Description  Dual, 2-Wire Hall-Effect Sensor Interface with Diagnostics
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9921 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9921 Datasheet HTML 1Page - Maxim Integrated Products MAX9921 Datasheet HTML 2Page - Maxim Integrated Products MAX9921 Datasheet HTML 3Page - Maxim Integrated Products MAX9921 Datasheet HTML 4Page - Maxim Integrated Products MAX9921 Datasheet HTML 5Page - Maxim Integrated Products MAX9921 Datasheet HTML 6Page - Maxim Integrated Products MAX9921 Datasheet HTML 7Page - Maxim Integrated Products MAX9921 Datasheet HTML 8Page - Maxim Integrated Products MAX9921 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Dual, 2-Wire Hall-Effect Sensor Interface
with Diagnostics
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VBAT = 13.6V, VDIAG = 0, VOE = 5V, IN1 = IN2 = no connection, RISET = 63.4kΩ, RPU = 10kΩ at ERR, OUT1 and OUT2, TA = -40°C
to +125°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
BAT to GND............................................................-0.3V to +60V
ISET to BAT ...........................................................-2.0V to +0.3V
IN1, IN2 to GND..........-5.0V to the lower of +60V or (VBAT + 1V)
DIAG, OE to GND..................................................-0.3V to +6.0V
OUT1, OUT2, ERR to GND....................................-0.3V to +6.0V
Short-Circuit Duration of OUT1, OUT2, ERR to GND
or to 5.5V (individually)............................................Continuous
Current into Any Pin Except IN1, IN2 ...............................±20mA
Current into IN1, IN2.......................................................±100mA
Continuous Power Dissipation (TA = +70°C)
10-Pin µMAX (derate 5.6mW/°C above +70°C) .........444.4mW
Operating Temperature Range .........................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
GENERAL
BAT Supply Range
VBAT
618
V
VBAT Low for ERR Output Active
VBL
5.2
V
VBAT High for ERR Output Active
VBH
22
V
IBAT
Normal mode
1
1.3
mA
BAT Supply Current
ISD
Shutdown mode, VOE = VDIAG = 0V
1
µA
HALL INPUTS (IN1 and IN2)
RISET = 63.4k
Ω
-11.5
Input Current for Output High
IIH
RISET = 59.0k
Ω
-12.4
mA
RISET = 63.4k
Ω
-7.2
Input Current for Output Low
IIL
RISET = 59.0k
Ω
-7.8
mA
RISET = 63.4k
Ω
0.76
Input Current Hysteresis for
High/Low Detection
IIN,HYS
RISET = 59.0k
Ω
0.78
mA
Input Pullup Impedance
RPU
VBAT = 6V, inputs IN1, IN2 with
IIN = -14mA
50
Ω
Input Voltage Interpreted as
Shorted to Battery
VSB
Measured with respect to VBAT
100
mV
Current Range Interpreted as
Open Circuit
IOC
-2
+0.02
mA
RISET = 63.4k
Ω
-23
Current Level Interpreted as
Shorted Sensor to Ground
ISC
Not a sustained
condition, reverts to -
50µA when detected
RISET = 59.0k
Ω
-25
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com