Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC54VC3002ECB Datasheet(PDF) 1 Page - Microchip Technology

Part # TC54VC3002ECB
Description  Voltage Detector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC54VC3002ECB Datasheet(HTML) 1 Page - Microchip Technology

  TC54VC3002ECB Datasheet HTML 1Page - Microchip Technology TC54VC3002ECB Datasheet HTML 2Page - Microchip Technology TC54VC3002ECB Datasheet HTML 3Page - Microchip Technology TC54VC3002ECB Datasheet HTML 4Page - Microchip Technology TC54VC3002ECB Datasheet HTML 5Page - Microchip Technology TC54VC3002ECB Datasheet HTML 6Page - Microchip Technology TC54VC3002ECB Datasheet HTML 7Page - Microchip Technology TC54VC3002ECB Datasheet HTML 8Page - Microchip Technology TC54VC3002ECB Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© 2007 Microchip Technology Inc.
DS21434H-page 1
TC54
Features
• ±2.0% Detection Thresholds
• Small Packages: 3-Pin SOT-23A, 3-Pin SOT-89,
and TO-92
• Low Current Drain: 1 µA (Typical)
• Wide Detection Range: 1.1V to 6.0V
• Wide Operating Voltage Range: 0.7V to 10V
Applications
• Battery Voltage Monitoring
• Microprocessor Reset
• System Brown-Out Protection
• Switching Circuit in Battery Backup
• Level Discriminator
Functional Block Diagram
General Description
The TC54 series are CMOS voltage detectors that are
especially well suited for battery-powered applications
because of their extremely low 1 µA operating current
and small surface-mount packaging. Each part is laser-
trimmed to the desired threshold voltage, which can be
specified from 1.4V to 6.0V with a 2% tolerance.
The TC54 is available with either an open-drain or com-
plementary output stage. During operation, the TC54's
output (VOUT) remains in the logic-high state as long as
VIN is greater than the specified threshold voltage
(VDET –). When VIN falls below VDET –, the output is
driven to a logic-low. VOUT remains low until VIN rises
above VDET – by an amount VHYST, whereupon it
resets to a logic-high.
Package Types
Device Features
VOUT
TC54VC only
VSS
+
–
VIN
TC54VN has open-drain output.
TC54VC has complementary(push-pull) output.
VREF
1
3
2
VIN VSS
VOUT
TC54
3-Pin SOT-89
Note:
3-Pin SOT-23A is equivalent to the
EIAJ SC-59
3-Pin TO-92
12 3
VSS
VIN
VOUT
VIN
VOUT
VSS
3
12
TC54
3-Pin SOT-23A
VIN
Device
Output
Reset Delay
Std. Trip Points(1) (typical)
Type
State
TC54VN
Open-Drain
Active Low
No
1.4V, 2.1V, 2.7V, 2.9V
TC54VC
Push-Pull
Active Low
No
3.0V, 4.2V, 4.3V
Note 1:
Custom Trip Points available. Minimum order requirement. Information available upon request.
Voltage Detector


Similar Part No. - TC54VC3002ECB

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC54VC3002ECB TELCOM-TC54VC3002ECB Datasheet
50Kb / 3P
VOLTAGE DETECTOR
logo
Microchip Technology
TC54VC3002ECB713 MICROCHIP-TC54VC3002ECB713 Datasheet
172Kb / 16P
Voltage Detector
10/05/07
logo
TelCom Semiconductor, I...
TC54VC3002ECBRTP TELCOM-TC54VC3002ECBRTP Datasheet
50Kb / 3P
VOLTAGE DETECTOR
TC54VC3002ECBSTP TELCOM-TC54VC3002ECBSTP Datasheet
50Kb / 3P
VOLTAGE DETECTOR
More results

Similar Description - TC54VC3002ECB

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
VOLTAGE DETECTOR
logo
TelCom Semiconductor, I...
TC54 TELCOM-TC54 Datasheet
50Kb / 3P
VOLTAGE DETECTOR
logo
TOKO, Inc
TK610XX TOKO-TK610XX Datasheet
52Kb / 8P
VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
VOLTAGE DETECTOR
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01-Q1 TI-TPS3803-01-Q1 Datasheet
327Kb / 14P
VOLTAGE DETECTOR
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
VOLTAGE DETECTOR
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
VOLTAGE DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com