Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC54VC1402EMB Datasheet(PDF) 13 Page - Microchip Technology

Part # TC54VC1402EMB
Description  Voltage Detector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC54VC1402EMB Datasheet(HTML) 13 Page - Microchip Technology

Back Button TC54VC1402EMB Datasheet HTML 8Page - Microchip Technology TC54VC1402EMB Datasheet HTML 9Page - Microchip Technology TC54VC1402EMB Datasheet HTML 10Page - Microchip Technology TC54VC1402EMB Datasheet HTML 11Page - Microchip Technology TC54VC1402EMB Datasheet HTML 12Page - Microchip Technology TC54VC1402EMB Datasheet HTML 13Page - Microchip Technology TC54VC1402EMB Datasheet HTML 14Page - Microchip Technology TC54VC1402EMB Datasheet HTML 15Page - Microchip Technology TC54VC1402EMB Datasheet HTML 16Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
© 2007 Microchip Technology Inc.
DS21434H-page 13
TC54
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
TC54V:
Voltage Detector
Output Configuration:
N
= Nch Open-Drain
C
= CMOS Output
Detected Voltage:
14
= 1.4V
21
= 2.1V
27
= 2.7V
29
= 2.9V
30
= 3.0V
42
= 4.2V
43
= 4.3V
Extra Feature Code:
0
= Fixed
Tolerance:
2
= 2%
Temperature:
E
=
-40°C to +85°C
Package:
CB = Plastic Small Outline Transistor, SOT-23A,
3-lead,
MB = Plastic Small Outline Transistor, SOT-89, 3-lead,
ZB
= Plastic Transistor Outline, TO-92, 3-lead
Taping Direction:
713 =
Standard Taping
PART NO.
X
XX
Pkg
Output
Config.
Device
XX
Detected
Voltage
X
Extra
Feature
Code
X
Tolerance
X
Temp.
XX
Taping
Direction
Examples:
a)
TC54VC1402ECB713: Tape and Reel,
1.4V Voltage
Detector, 2% Tol.,
SOT-23A-3.
b)
TC54VC1402EMB713: Tape and Reel,
1.4V Voltage
Detector, 2% Tol.,
SOT-89-3.
c)
TC54VC1402EZB:
1.4V Voltage
Detector, 2% Tol.,
TO-92.
d)
TC54VC2102ECB713: Tape and Reel,
2.1V Voltage
Detector, 2% Tol.,
SOT-23A-3.
e)
TC54VC2102EMB713: Tape and Reel,
2.1V Voltage
Detector, 2% Tol.,
SOT-89-3.
f)
TC54VC2102EZB:
2.1V Voltage
Detector,
2% Tol., TO-92.
g)
TC54VC2702ECB713: Tape and Reel,
2.7V Voltage
Detector, 2% Tol.,
SOT-23A-3.
h)
TC54VC3002ECB713: Tape and Reel,
3.0V Voltage
Detector, 2% Tol.,
SOT-23A-3.
i)
TC54VN4202ECB713: Tape and Reel,
4.2V Voltage
Detector,2% Tol.,
SOT-23A-3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com