Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9010EP Datasheet(PDF) 7 Page - Davicom Semiconductor, Inc.

Part # DM9010EP
Description  10/100 Mbps Single Chip Ethernet Controller with General Processor Interface
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9010EP Datasheet(HTML) 7 Page - Davicom Semiconductor, Inc.

Back Button DM9010EP Datasheet HTML 3Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 4Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 5Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 6Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 7Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 8Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 9Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 10Page - Davicom Semiconductor, Inc. DM9010EP Datasheet HTML 11Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 62 page
background image
DM9010
Single Chip Ethernet Controller with General Processor Interface
Preliminary
7
Version: DM9010-17--DS-P04
Jan. 18, 2006
1. General Description
The DM9010 is a fully integrated and cost-effective
single chip Fast Ethernet MAC controller with a
general processor interface, a 10/100M PHY and 16K
Byte SRAM. It is designed with low power and high
performance process that support 3.3V with 5V
tolerance.
The DM9010 also provides a MII interface to connect
HPNA device or other transceivers that support MII
interface. The DM9010 supports 8-bit, 16-bit and
32-bit uP interfaces to internal memory accesses for
different processors. The PHY of the DM9010 can
interface to the UTP3, 4, 5 in 10Base-T and UTP5 in
100Base-TX. It is fully compliant with the IEEE 802.3u Spec.
Its auto-negotiation function will automatically configure the
DM9010 to take the maximum advantage of its abilities. The
DM9010 also supports IEEE 802.3x full- duplex flow control.
This programming of the DM9010 is very simple, so user
can port the software drivers to any system easily.
2. Block Diagram
LED
TX+/-
RX+/-
Autonegotiation
RX Machine
TX Machine
MAC
MII
-
/
PHYceiver
-
EEPROM
Interface
100BaseTX
transceiver
External MII
Interface
Memory
Management
Internal
SRAM
&
Control
Status
Registers
100 Base- TX
PCS
10 Base T
Tx Rx
Auto
MDIX
&
MII Management
Control
MII Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com