Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9081FP Datasheet(PDF) 2 Page - Davicom Semiconductor, Inc.

Part # DM9081FP
Description  10BASE-T Hub Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9081FP Datasheet(HTML) 2 Page - Davicom Semiconductor, Inc.

  DM9081FP Datasheet HTML 1Page - Davicom Semiconductor, Inc. DM9081FP Datasheet HTML 2Page - Davicom Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Repeater functions comply with IEEE 802.3 Repeater Unit specification
Eight Integral 10BASE-T transceivers utilize the required pre-distortion
transmission technique
Two Attachment Unit Interface (AUI) ports allow connection with 10BASE5
(Ethernet) and 10BASE2 (Cheapernet) networks
Design a Dumb Hub in minimum mode by using minimum external logic that
can respond to Link, Carrier Sense and Collision Status from LED
Supports one LED output per port for additional status indicators such as
Link, Partition, Carrier Sense, etc.
Built-in Jabber LED reports global Jabber information of the DM9081 Hub
Built-in Traffic LED indicates Hub global 10MHz bandwidth utilization status
Expandable to accommodate two DM9081 connections, with no external
logic required
On board PLL, Manchester encoder/decoder and FIFO
Expandable to accommodate increased number of repeater ports.
Recommended IC cascade number: under 3 and inclusive
Preamble loss effects eliminated by deep FIFO
Each port can be isolated (partitioned) and reconnected separately
Twisted Pair Link Test capability
Full amplitude and timing regeneration for retransmitted signals
Low power CMOS process with single 5V supply, 100-pin QFP package
Application
VoIP CPE (ATA, IP Phone, Video Phone)
IP STB, IPC, Internet Radio
Ordering Information
Part Number
Pin Count
Package
DM9081F
100
QFP
DM9081FP
100
QFP
(Pb-Free)
DAVICOM Semiconductor, Inc.
No.6, Li-Hsin Rd.VI, Science Park, Hsin-Chu, Taiwan, R.O.C.
TEL: 886-3-5798797
FAX: 886-3-5646929
E-mail: sales@davicom.com.tw



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com