Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9081FP Datasheet(PDF) 13 Page - Davicom Semiconductor, Inc.

Part # DM9081FP
Description  10BASE-T Hub Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9081FP Datasheet(HTML) 13 Page - Davicom Semiconductor, Inc.

Back Button DM9081FP Datasheet HTML 9Page - Davicom Semiconductor, Inc. DM9081FP Datasheet HTML 10Page - Davicom Semiconductor, Inc. DM9081FP Datasheet HTML 11Page - Davicom Semiconductor, Inc. DM9081FP Datasheet HTML 12Page - Davicom Semiconductor, Inc. DM9081FP Datasheet HTML 13Page - Davicom Semiconductor, Inc. DM9081FP Datasheet HTML 14Page - Davicom Semiconductor, Inc. DM9081FP Datasheet HTML 15Page - Davicom Semiconductor, Inc. DM9081FP Datasheet HTML 16Page - Davicom Semiconductor, Inc. DM9081FP Datasheet HTML 17Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
DM9081
10BASE-T Hub Controller
Final
13
Version: DM9081-DS-F02
February 02, 2001
Absolute Maximum Ratings
Absolute Maximum Ratings* ( 25
°C )
Symbol
Parameter
Min.
Max.
Unit
Conditions
DVCC,AVCC
Supply Voltage
-0.5
7.0
V
VIN
DC Input Voltage (VIN)
-0.5
5.5
V
VOUT
DC Output Voltage(VOUT)
-0.5
5.5
V
Tc
Case Temperature Range
0
85
°C
Tstg
Storage Temperature Rang (Tstg)
-65
150
°C
LT
Lead Temp. (TL, Soldering, 10 sec.)
---
220
°C
ESD
ESD Rating (Rzap=1.5K, Czap=100pF)
---
2000
V
Comments
Stresses above those listed under "Absolute
Maximum Ratings" may cause permanent damage to
this device. These are stress ratings only. Functional
operation of this device at these or any other
conditions above those indicated in the operational
sections of this specification is not implied or
intended. Exposure to the absolute maximum rating
conditions for extended periods may affect device
reliability.
DC Electrical Characteristics (VDD=5V ± 5%, Tc=0°C to 85°C, unless otherwise specified.)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
VIL
Input Low Voltage
-0.5
0.8
V
DGND=0.0V, Except DAT
VIH
Input High Voltage
3.0
DVDD+0.5
V
Except DAT
VOL
Output Low Voltage
-
0.4
V
IOL=4mA
VOH
Output High Voltage
3.5
-
V
IOH=-4mA
IIL
Input Leakage Current
(also DAT as Input)
-
10
uA
DGND<VIN<DVDD
VILX
X2 Crystal Input Low Voltage
-0.5
1.0
V
DGND=0.0V
VIHX
X2 Crystal Input High Voltage
3.8
DVDD+0.5
V
DGND=0.0V
IILX
Crystal Input Low Current
-
10
uA
VIN=DGND
IIHX
Crystal Input High Current
-
10
uA
VIN=DVDD
AUI Port
VOD
Differential Output Voltage
(TXP, TXN)
550
1200
mV
78
Ω termination, and
270
Ω from each to GND
VOB
Differential Output Voltage
Imbalance (TXP, TXN)
-
40
mV
78
Ω termination, and
270
Ω from each to GND
VU
Undershoot Voltage
(TXP, TXN)
-
100
mV
78
Ω termination, and
270
Ω from each to GND
VDS
Differential Squelch Threshold
(RXP/RXN and CDP/CDN)
175
300
mV
Negative pulse
VCM
Differential Input Common
Mode Voltage
(RXP/RXN and CDP/CDN)
VDD/2
V
Twisted Pair Port
VTIDF
TP Input Voltage
350
2000
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com