Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHA5293A-99F/00 Datasheet(PDF) 5 Page - United Monolithic Semiconductors

Part # CHA5293A-99F/00
Description  17-24GHz High Power Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA5293A-99F/00 Datasheet(HTML) 5 Page - United Monolithic Semiconductors

  CHA5293A-99F/00 Datasheet HTML 1Page - United Monolithic Semiconductors CHA5293A-99F/00 Datasheet HTML 2Page - United Monolithic Semiconductors CHA5293A-99F/00 Datasheet HTML 3Page - United Monolithic Semiconductors CHA5293A-99F/00 Datasheet HTML 4Page - United Monolithic Semiconductors CHA5293A-99F/00 Datasheet HTML 5Page - United Monolithic Semiconductors CHA5293A-99F/00 Datasheet HTML 6Page - United Monolithic Semiconductors CHA5293A-99F/00 Datasheet HTML 7Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
17-24GHz High Power Amplifier
CHA5293a
Ref. : DSCHA52932123 -03-May-02
5/7
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
30
34
38
42
46
50
54
58
62
66
70
74
78
5678
9
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25
Output Power(dBm)
C/ I3 (dBc)
IP3 (dBm)
F=21.5GHz
F=10MHz
C/I3 & IP3 versus total output power @ 21.5GHz
30
34
38
42
46
50
54
58
62
66
70
74
5
6
7
8
9
1011 12 131415 16 1718 19 20 2122 23 2425
Output Power(dBm)
C/ I3 (dBc)
IP3 (dBm)
F=23.5GHz
F=10MHz
C/I3 & IP3 versus total output power @ 23.5GHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com