Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9103 Datasheet(PDF) 86 Page - Davicom Semiconductor, Inc.

Part # DM9103
Description  10/100 Mbps 3-port Ethernet Switch Controller with PCI Interface
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9103 Datasheet(HTML) 86 Page - Davicom Semiconductor, Inc.

Back Button DM9103 Datasheet HTML 81Page - Davicom Semiconductor, Inc. DM9103 Datasheet HTML 82Page - Davicom Semiconductor, Inc. DM9103 Datasheet HTML 83Page - Davicom Semiconductor, Inc. DM9103 Datasheet HTML 84Page - Davicom Semiconductor, Inc. DM9103 Datasheet HTML 85Page - Davicom Semiconductor, Inc. DM9103 Datasheet HTML 86Page - Davicom Semiconductor, Inc. DM9103 Datasheet HTML 87Page - Davicom Semiconductor, Inc. DM9103 Datasheet HTML 88Page - Davicom Semiconductor, Inc. DM9103 Datasheet HTML 89Page - Davicom Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 86 / 89 page
background image
DM9103
3-port switch with PCI Interface
86
Preliminary datasheet
DM9103-DS-P02
September 26, 2007
DM9103E_EVB_BOARD
2.1
CONNECT_AND_POWER
B
23
Tuesday , December 19, 2006
Title
Size
Document Number
Rev
Date:
Sheet
of
DVDD_5V
DVDD_33V
PCI_5V_2
PCI_5V_1
DVDD_5V
PCI_33V
DVDD_33V
DVDD_33V
MII_5V
PCI_5V_1
PCI_33V
PCI_5V_2
TXD2_1
RXD2_[0..3]
RXDV2
RXD2_2
COL2
TXD2_[0..3]
RXD2_3
TXC2
MDIO
TXD2_0
RXD2_1
RXER2
TXD2_3
MDC
RXC2
RXD2_0
TXE2
TXD2_2
CRS2
STOP#
RST#
AD8
PME#
CBE1#
PAR
AD19
AD4
AD22
AD7
AD12
PERR#
AD20
TRDY#
AD15
AD25
PCICLK
AD31
AD6
AD10
AD[00..31]
AD5
AD3
AD0
IRDY#
DEVSEL#
WOL
AD18
AD9
AD29
AD11
AD14
AD21
AD17
CBE0#
FRAME#
REQ#
AD26
AD2
IDSEL
AD16
AD30
ISOLATE#
CBE2#
INT#
AD27
AD1
AD24
CBE3#
AD23
SERR#
GNT#
AD28
AD13
AD0
AD30
AD19
AD6
CBE2#
AD11
AD4
AD24
PCICLK
AD8
AD21
PAR
AD2
IDSEL
AD28
AD7
AD5
GNT#
AD9
AD15
AD29
PERR#
AD16
AD1
AD14
3.3VAUX
REQ#
AD13
IRDY#
CBE3#
AD22
AD3
AD27
FRAME#
AD31
AD26
AD12
AD17
INT#
STOP#
AD23
AD20
AD10
TRDY#
PCI_PME#
AD18
AD25
SERR#
RST#
CBE1#
CBE0#
DEVSEL#
WOL
+5VSB
3.3VAUX
PCI_PME#
PME#
ISOLATE#
R13
0
D2
1N5819
A
C
CN1
PCICONN
PCICON
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
B11
B12
B13
B14
B15
B16
B17
B18
B19
B20
B21
B22
B23
B24
B25
B26
B27
B28
B29
B30
B31
B32
B33
B34
B35
B36
B37
B38
B39
B40
B41
B42
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
A16
A17
A18
A19
A20
A21
A22
A23
A24
A25
A26
A27
A28
A29
A30
A31
A32
A33
A34
A35
A36
A37
A38
A39
A40
A41
A42
A43
A44
A45
A46
A47
A48
A49
A50
A51
A52
A53
A54
A55
A56
A57
A58
A59
A60
A61
A62
B43
B44
B45
B46
B47
B48
B49
B52
B53
B54
B55
B56
B57
B58
B59
B60
B61
B62
B50
B51
-12V
TCK
GROUND
TD0
5V
5V
INTB*
INTD*
PRSNT1*
NC
PRSNT2*
GROUND
GROUND
NC
GROUND
CLK
GROUND
REQ*
5V
AD31
AD29
GROUND
AD27
AD25
3.3V
C/BE3*
AD23
GROUND
AD21
AD19
3.3V
AD17
C/BE2*
GROUND
IRDY*
3.3V
DEVSEL*
GROUND
LOCK*
PERR*
3.3V
SERR*
TRST*
12V
TMS
TDI
5V
INTA*
INTC*
5V
NC
5V
NC
GROUND
GROUND
3.3VAUX
RST*
5V
GNT*
GROUND
PME#
AD30
3.3V
AD28
AD26
GROUND
AD24
IDSEL
3.3V
AD22
AD20
GROUND
AD18
AD16
3.3V
FRAME*
GROUND
TRDY*
GROUND
STOP*
3.3V
SDONE
SBO*
GROUND
PAR
AD15
3.3V
AD13
AD11
GROUND
AD9
NC
NC
C/BE0*
3.3V
AD6
AD4
GROUND
AD2
AD0
5V
REQ64*
5V
5V
3.3V
C/BE1
AD14
GROUND
AD12
AD10
GROUND
AD8
AD7
3.3V
AD5
AD3
GROUND
AD1
5V
ACK64*
5V
5V
NC
NC
JP1
HEADER_3/2.5mm
CN3P2.5MM
1
2
3
R12
0
D3
1N5819
A
C
L4
F.B/120/SO803
D12
1N5819
A
C
D4
1N5819
A
C
L5
F.B/120/SO803
D5
1N5819
A
C
JP2
HEADER_16X2
C29
0.1uF
U4
AP1117-3.3V
O
I
4
OUT
IN
OUT
C28
220uF
MDIO
TXC2
TXD2_[0..3]
RXD2_[0..3]
TXE2
RXDV2
RXC2
CRS2
COL2
RXER2
MDC
IRDY#
TRDY#
CBE0#
DEVSEL#
PERR#
PAR
FRAME#
CBE2#
SERR#
CBE1#
SD[00..31]
STOP#
CBE3#
WOL
PME#
INT#
RST#
PCICLK
ISOLATE#
GNT#
REQ#
IDSEL
MII Interface
PCI Interface
Solder
Component
(Meet PCI2.2 Spec.)
OPTION
FOR PC PCI BUS ONLY
Davicom Semiconductor Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com