Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9161 Datasheet(PDF) 49 Page - Davicom Semiconductor, Inc.

Part # DM9161
Description  10/100 Mbps Fast Ethernet Physical Layer TX/FX Single Chip Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9161 Datasheet(HTML) 49 Page - Davicom Semiconductor, Inc.

Back Button DM9161_08 Datasheet HTML 42Page - Davicom Semiconductor, Inc. DM9161_08 Datasheet HTML 43Page - Davicom Semiconductor, Inc. DM9161_08 Datasheet HTML 44Page - Davicom Semiconductor, Inc. DM9161_08 Datasheet HTML 45Page - Davicom Semiconductor, Inc. DM9161_08 Datasheet HTML 46Page - Davicom Semiconductor, Inc. DM9161_08 Datasheet HTML 47Page - Davicom Semiconductor, Inc. DM9161_08 Datasheet HTML 48Page - Davicom Semiconductor, Inc. DM9161_08 Datasheet HTML 49Page - Davicom Semiconductor, Inc. DM9161_08 Datasheet HTML 50Page - Davicom Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 49 / 50 page
background image
DM9161
10/100 Mbps Fast Ethernet Physical Layer TX/FX Single Chip Transceiver
Final
49
Version: DM9161-DS-F05
September 10, 2008
11. Package Information
LQFP 48L (F.P. 2mm) Outline Dimensions
unit: inches/mm
y
Symbol
Dimensions in inches
Dimensions in mm
Min.
Nom.
Max.
Min.
Nom.
Max.
A
-
-
0.063
-
-
1.6
A1
0.002
-
0.006
0.05
-
0.15
A2
0.053
0.055
0.057
1.35
1.40
1.45
b
0.007
0.009
0.011
0.17
0.22
0.27
b1
0.007
0.008
0.009
0.17
0.20
0.23
C
0.004
-
0.008
0.09
-
0.20
C1
0.004
-
0.006
0.09
-
0.16
D
0.354BSC
9.00BSC
D1
0.276BSC
7.00BSC
E
0.354BSC
9.00BSC
E1
0.276BSC
7.00BSC
e
0.020BSC
0.50BSC
L
0.018
0.024
0.030
0.45
0.60
0.75
L1
0.039REF
1.00REF
y
0.003MAX
0.08MAX
Θ
0º
3.5º
7º
0º
3.5º
7º
Notes:
1. To be determined at seating plane.
2. Dimensions D1 and E 1do not include mold protrusion. D1
and E1 are maximum plastic body size dimensions
including mold mismatch.
3. Dimensions b does not include dambar protrusion. Total in
excess of the b dimension at maximum material condition.
Dambar cannot be located on the lower radius of the foot.
4. Exact shape of each corner is optional.
5. These dimensions apply to the flat section of the lead
between 0.10mm and 0.25mm from the lead tip.
6. A1 is defined as the distance from the seating plane to the
lowest point of the package body.
7. Controlling dimension: millimeter.
8. Reference documents: JEDEC MS-026, BBC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com