Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9161EP Datasheet(PDF) 21 Page - Davicom Semiconductor, Inc.

Part # DM9161EP
Description  10/100 Mbps Fast Ethernet Physical Layer TX/FX Single Chip Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9161EP Datasheet(HTML) 21 Page - Davicom Semiconductor, Inc.

Back Button DM9161EP Datasheet HTML 17Page - Davicom Semiconductor, Inc. DM9161EP Datasheet HTML 18Page - Davicom Semiconductor, Inc. DM9161EP Datasheet HTML 19Page - Davicom Semiconductor, Inc. DM9161EP Datasheet HTML 20Page - Davicom Semiconductor, Inc. DM9161EP Datasheet HTML 21Page - Davicom Semiconductor, Inc. DM9161EP Datasheet HTML 22Page - Davicom Semiconductor, Inc. DM9161EP Datasheet HTML 23Page - Davicom Semiconductor, Inc. DM9161EP Datasheet HTML 24Page - Davicom Semiconductor, Inc. DM9161EP Datasheet HTML 25Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
DM9161
10/100 Mbps Fast Ethernet Physical Layer TX/FX Single Chip Transceiver
Final
21
Version: DM9161-DS-F05
September 10, 2008
7.2.11 Power Reduced Mode
The Signal detect circuit is always turned on to monitor
whether there is any signal on the media. In case of cable
disconnection,, DM9161 will automatically turn off the power
and enter the Power Reduced mode, regardless of its
operation mode being N-way auto-negotiation or forced
mode. While in
the Power Reduced mode, the transmit
circuit will continue sending out fast link pules with minimum
power consumption. If a valid signal is detected from the
media, which might be N-way fast link pules, 10Base-T
normal link pules, or 100Base-TX MLT3 signals, the device
wakes up and resumes normal operation mode.
Automatic reduced power down mode can be disabled by
writing Zero to Reg.16.4.
7.2.12 Power Down Mode
Power Down mode is entered by setting Reg.0.11 to ONE or
pulling PWRDWN pin high, which disables all transmit and
receive functions, and MII interface functions except the
MDC/MDIO management interface.
7.2.13 Reduced Transmit Power Mode
Additional transmit power reduction can be gained by
designing with 1.25:1 turns ration magnetic on its TX side
and using a 8.5KΩ resistor on BGRES and BGRESG pins,
and the TX+/TX- pulled high resistors being changed from
50Ω to 78Ω. This configuration could reduce about 20% of
transmit power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com