Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9161 Datasheet(PDF) 39 Page - Davicom Semiconductor, Inc.

Part # DM9161
Description  10/100 Mbps Fast Ethernet Physical Layer TX/FX Single Chip Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9161 Datasheet(HTML) 39 Page - Davicom Semiconductor, Inc.

Back Button DM9161 Datasheet HTML 35Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 36Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 37Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 38Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 39Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 40Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 41Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 42Page - Davicom Semiconductor, Inc. DM9161 Datasheet HTML 43Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
DM9161
10/100 Mbps Fast Ethernet Physical Layer TX/FX Single Chip Transceiver
Final
39
Version: DM9161-DS-F05
September 10, 2008
9.4.12 MII 10BASE-T Receive Nibble Timing Parameters
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
tRXs
RXD [0:3), RXDV, RXER Setup To RXCLK High
5
---
---
ns
tRXh
RXD [0:3], RXDV, RXER Hold From RXCLK High
5
---
---
ns
tRXpd
RXI In To RXD [0:3] Out (Rx Latency)
---
7
---
BT
t1
CRS Asserted To RXD [0:3], RXDV, RXER
1
14
20
BT
t2
CRS De-asserted To RXD [0:3], RXDV, RXER
---
---
3
BT
t3
RXI In To CRS Asserted
1
2
4
BT
t4
RXI Quiet To CRS De-asserted
1
10
15
BT
9.4.13 MII 10BASE-T Receive Nibble Timing Diagram
RXCLK
t2
t1
tTX
pd
RXD [0:3],
RXDV, RXER
CRS
RX+/-
tRX
S
tRX
h
t4
t3
9.4.14 Auto-negotiation and Fast Link Pulse Timing Parameters
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
t1
Clock/Data Pulse Width
---
100
---
ns
t2
Clock Pulse To Data Pulse Period
55.5
62.5
69.5
us
DATA = 1
t3
Clock Pulse To Clock Pulse Period
111
125
139
us
t4
FLP Burst Width
-
2
-
ms
t5
FLP Burst To FLP Burst Period
8
24
ms
-
Clock/Data Pulses in a Burst
17
33
pulse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com