Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9161AE Datasheet(PDF) 2 Page - Davicom Semiconductor, Inc.

Part # DM9161AE
Description  10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9161AE Datasheet(HTML) 2 Page - Davicom Semiconductor, Inc.

  DM9161AE Datasheet HTML 1Page - Davicom Semiconductor, Inc. DM9161AE Datasheet HTML 2Page - Davicom Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Fully comply with IEEE 802.3 / IEEE 802.3u 10Base-T/ 100Base-TX, ANSI
X3T12 TP-PMD 1995 standard
Support MDI/MDI-X auto crossover function (Auto-MDI)
Support Auto-Negotiation function, compliant with IEEE 802.3u
Fully integrated Physical layer transceiver On-chip filtering with direct interface
to magnetic transformer
Selectable repeater or node mode
Selectable MII or RMII (Reduced MII) mode for 100Base-TX and 10Base-TX.
Selectable MII or GPSI (7-Wired) mode for 10Base-T
Selectable full-duplex or half-duplex operation
MII management interface with maskable interrupt output capability
Provide Loopback mode for easy system diagnostics
LED status outputs indicate Link/ Activity, Speed10/100 and
Full-duplex/Collision. Support Dual-LED optional control
Single low power Supply of 3.3V with an advanced CMOS technology
Very Low Power consumption modes:
● Power Reduced mode (cable detection)
●Power Down mode
●Selectable TX drivers for 1:1 or 1.25:1 transformers for additional power
reduction. 1: 1 transformers only when HP Auto-MDIX Enable .
Compatible with 3.3V and 5.0V tolerant I/Os, 48-pin LQFP
Application
VoIP CPE (ATA, IP Phone, Video Phone)
IP STB, IPC, Internet Radio
IP CAM, DVR, Router…
Ordering Information
Part Number
Pin Count
Package
DM9161AE
48
LQFP
DM9161AEP
48
LQFP(Pb-Free)
DAVICOM Semiconductor, Inc.
No.6, Li-Hsin Rd.VI, Science Park, Hsin-Chu, Taiwan, R.O.C.
TEL: 886-3-5798797
FAX: 886-3-5646929
E-mail: sales@davicom.com.tw



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com