Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12F617 Datasheet(PDF) 71 Page - Microchip Technology

Part # 12F617
Description  8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

12F617 Datasheet(HTML) 71 Page - Microchip Technology

Back Button 12F617 Datasheet HTML 67Page - Microchip Technology 12F617 Datasheet HTML 68Page - Microchip Technology 12F617 Datasheet HTML 69Page - Microchip Technology 12F617 Datasheet HTML 70Page - Microchip Technology 12F617 Datasheet HTML 71Page - Microchip Technology 12F617 Datasheet HTML 72Page - Microchip Technology 12F617 Datasheet HTML 73Page - Microchip Technology 12F617 Datasheet HTML 74Page - Microchip Technology 12F617 Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 212 page
background image
 2010 Microchip Technology Inc.
DS41302D-page 71
PIC12F609/615/617/12HV609/615
9.6
Operation During Sleep
The comparator, if enabled before entering Sleep
mode, remains active during Sleep. The additional
current consumed by the comparator is shown
separately
in
the
Section 16.0
“Electrical
Specifications”. If the comparator is not used to wake
the device, power consumption can be minimized while
in Sleep mode by turning off the comparator. The
comparator is turned off by clearing the CMON bit of the
CMCON0 register.
A change to the comparator output can wake-up the
device from Sleep. To enable the comparator to wake
the device from Sleep, the CMIE bit of the PIE1 register
and the PEIE bit of the INTCON register must be set.
The instruction following the SLEEP instruction always
executes following a wake from Sleep. If the GIE bit of
the INTCON register is also set, the device will then
execute the Interrupt Service Routine.
9.7
Effects of a Reset
A device Reset forces the CMCON1 register to its
Reset state. This sets the comparator and the voltage
reference to the OFF state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com