Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHM1290REF/24 Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHM1290REF/24
Description  20-30GHz SUB-HARMONICALLY PUMPED MIXER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHM1290REF/24 Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHM1290REF/24 Datasheet HTML 1Page - United Monolithic Semiconductors CHM1290REF/24 Datasheet HTML 2Page - United Monolithic Semiconductors CHM1290REF/24 Datasheet HTML 3Page - United Monolithic Semiconductors CHM1290REF/24 Datasheet HTML 4Page - United Monolithic Semiconductors CHM1290REF/24 Datasheet HTML 5Page - United Monolithic Semiconductors CHM1290REF/24 Datasheet HTML 6Page - United Monolithic Semiconductors CHM1290REF/24 Datasheet HTML 7Page - United Monolithic Semiconductors CHM1290REF/24 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
20-30GHz SHP Mixer
CHM1290REF
Ref. : DSCCHM1290REF2239 -27-Aug.-02
3/6
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical results on PCB (recommended motherboard layout)
Vd=4V, Id at 33mA
CHM1290 SMD packaged : UP-CONVERTER ( Conv. Losses & Leakages )
Vds=4V / Ids=33mA / LO Power=-4dBm / IF Frequency= 1Ghz
-25
-22.5
-20
-17.5
-15
-12.5
-10
-7.5
-5
-2.5
0
9
10
11
121314
1516
LO Frequency (GHz)
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
Lc(2xLO-IF)
Lc(2xLO+IF)
2*OL/RF
OL/RF
RF(+)=21 GHz
RF(+)=31 GHz
RF(-)=19 GHz
RF(-)=29 GHz
CHM1290 SMD packaged : UP-CONVERTER ( Conv. Losses & Leakages )
Vds=4V / Ids=33mA / LO Power=0dBm / IF Frequency= 1Ghz
-25
-22.5
-20
-17.5
-15
-12.5
-10
-7.5
-5
-2.5
0
9
101112
13141516
LO Frequency (GHz)
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
Lc(2xLO-IF)
Lc(2xLO+IF)
2*OL/RF
OL/RF
RF(+)=21 GHz
RF(+)=31 GHz
RF(-)=19 GHz
RF(-)=29 GHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com