Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS128MSDM80 Datasheet(PDF) 6 Page - Transcend Information. Inc.

Part # TS128MSDM80
Description  128M~2GB miniSD Memory Card
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS128MSDM80 Datasheet(HTML) 6 Page - Transcend Information. Inc.

  TS128MSDM80 Datasheet HTML 1Page - Transcend Information. Inc. TS128MSDM80 Datasheet HTML 2Page - Transcend Information. Inc. TS128MSDM80 Datasheet HTML 3Page - Transcend Information. Inc. TS128MSDM80 Datasheet HTML 4Page - Transcend Information. Inc. TS128MSDM80 Datasheet HTML 5Page - Transcend Information. Inc. TS128MSDM80 Datasheet HTML 6Page - Transcend Information. Inc. TS128MSDM80 Datasheet HTML 7Page - Transcend Information. Inc. TS128MSDM80 Datasheet HTML 8Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
T
T
TS
S
S1
1
12
2
28
8
8M
M
M~
~
~2
2
2G
G
GS
S
SD
D
DM
M
M8
8
80
0
0
128M~2GB miniSD Memory Card
Transcend Information Inc.
6
50
ns
CL ≤ 250 pF, (21 cards)
tTHL
10
ns
CL ≤ 100 pF, (7 cards)
Clock fall time
50
ns
CL ≤ 250 pF, (21 cards)
Inputs CMD, DAT (referenced to CLK)
Input set-up time
tISU
5
ns
CL ≤ 25 pF, (1 cards)
Input hold time
tIH
5
ns
CL ≤ 25 pF, (1 cards)
Outputs CMD, DAT (referenced to CLK)
Output Delay time during Data Transfer Mode
tODLY
0
14
ns
CL ≤ 25 pF, (1 cards)
Output Delay time during Identification Mode
tODLY
0
50
ns
CL ≤ 25 pF, (1 cards)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com