Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS512MSDM80 Datasheet(PDF) 4 Page - Transcend Information. Inc.

Part # TS512MSDM80
Description  128M~2GB miniSD Memory Card
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS512MSDM80 Datasheet(HTML) 4 Page - Transcend Information. Inc.

  TS512MSDM80 Datasheet HTML 1Page - Transcend Information. Inc. TS512MSDM80 Datasheet HTML 2Page - Transcend Information. Inc. TS512MSDM80 Datasheet HTML 3Page - Transcend Information. Inc. TS512MSDM80 Datasheet HTML 4Page - Transcend Information. Inc. TS512MSDM80 Datasheet HTML 5Page - Transcend Information. Inc. TS512MSDM80 Datasheet HTML 6Page - Transcend Information. Inc. TS512MSDM80 Datasheet HTML 7Page - Transcend Information. Inc. TS512MSDM80 Datasheet HTML 8Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
T
T
TS
S
S1
1
12
2
28
8
8M
M
M~
~
~2
2
2G
G
GS
S
SD
D
DM
M
M8
8
80
0
0
128M~2GB miniSD Memory Card
Transcend Information Inc.
4
• Bus Signal Levels
As the bus can be supplied with a variable supply voltage, all signal levels are related to the supply voltage.
To meet the requirements of the JEDEC specification JESD8-1A, the card input and output voltages shall be within the
following specified ranges for any VDD of the allowed voltage range:
Parameter
Symbol
Min.
Max.
Unit
Remark
Output HIGH voltage
VOH
0.75* VDD
V
IOH = -100 μA @VDD min
Output LOW voltage
VOL
0.125* VDD
V
IOL = -100 μA @VDD min
Input HIGH voltage
VIH
0.625* VDD
VDD + 0.3
V
Input LOW voltage
VIL
VSS – 0.3
0.25* VDD
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com